Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF04TBR Datasheet(PDF) 30 Page - STMicroelectronics

Part # STCF04TBR
Description  High power white LED SuperCap™ driver with I²C interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF04TBR Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STCF04TBR Datasheet HTML 26Page - STMicroelectronics STCF04TBR Datasheet HTML 27Page - STMicroelectronics STCF04TBR Datasheet HTML 28Page - STMicroelectronics STCF04TBR Datasheet HTML 29Page - STMicroelectronics STCF04TBR Datasheet HTML 30Page - STMicroelectronics STCF04TBR Datasheet HTML 31Page - STMicroelectronics STCF04TBR Datasheet HTML 32Page - STMicroelectronics STCF04TBR Datasheet HTML 33Page - STMicroelectronics STCF04TBR Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 43 page
background image
Theory of operation
STCF04
30/43
Doc ID 022927 Rev 3
10.2
Power-ON reset
This mode is initiated by applying a supply voltage above the VPW_ON RESET threshold
value. An internal timing (~1 µs) defines the duration of this status. The logic blocks are
powered, but the device doesn't respond to any input. The registers are reset to their default
values, the ATN and SDA pins are in high-Z, and the I²C slave address is internally set by
reading the ADD pin configuration. After the internally defined time has elapsed, the
STCF04 automatically enters Shutdown mode. For the additional reset of the device, it is
also possible to use the RESET pin.
10.2.1
RESET pin function
The device is put into Reset mode when the logic level on the RESET pin is 0. The logic
blocks are powered, but the device doesn't respond to any input. The registers are reset to
their default values; the ATN and SDA pins are in high-Z. The RESET pin must stay in LOW
level for TRESMIN time (1 µs) at least to guarantee correct resetting of the device. When the
reset function driven by the RESET pin is not needed, the RESET pin must be connected to
the VBAT = VIN.
Figure 14.
Reset timing
10.3
Shutdown mode and NTC mode
In Shutdown mode only the I²C interface is live, accepting I²C commands and register
settings. The device enters this mode automatically after reset or by resetting the PWR_ON
bit from other operation modes. Power consumption is at the minimum (1 µA typ.), if NTC is
not activated (NTC_ON = 0). If the NTC_ON is set, the µP can measure the LED
temperature through an A/D converter connected to the NTC pin. When NTC circuits are
active and the VREF-EXT is present, the typical current consumption is increased to 2 µA. It is
recommended to not leave the STCF04 in this status if battery drain must be minimized.
10.4
Monitoring mode
When the VDC voltage set by the FTR_REG is not 0, the comparator of the SuperCap
voltage is live. This comparator checks the voltage on the SuperCap continuously. If it is
higher than the VSUPMAX threshold, then the READY pin is pulled low and stays low until the
voltage on the SuperCap is higher than VSUPMAX - 200 mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com