Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGF15H60DF Datasheet(PDF) 9 Page - STMicroelectronics

Part # STGF15H60DF
Description  Trench gate field-stop IGBT, H series 600 V, 15 A high speed
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGF15H60DF Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STGF15H60DF Datasheet HTML 5Page - STMicroelectronics STGF15H60DF Datasheet HTML 6Page - STMicroelectronics STGF15H60DF Datasheet HTML 7Page - STMicroelectronics STGF15H60DF Datasheet HTML 8Page - STMicroelectronics STGF15H60DF Datasheet HTML 9Page - STMicroelectronics STGF15H60DF Datasheet HTML 10Page - STMicroelectronics STGF15H60DF Datasheet HTML 11Page - STMicroelectronics STGF15H60DF Datasheet HTML 12Page - STMicroelectronics STGF15H60DF Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
DocID025113 Rev 2
9/23
STGB15H60DF, STGF15H60DF, STGP15H60DF
Electrical characteristics
23
Figure 14. Transfer characteristics
Figure 15. Diode VF vs. forward current
IC
15
10
5
0
6
7
VGE(V)
(A)
10
20
8
9
25 TJ=175°C
30
35
-40°C
11
25°C
VCE=5V
40
GIPD041020131357FSR
VF
2.1
1.7
1.3
0.9
5
IF(A)
(V)
2.5
9
TJ= 175°C
13
17
21
25
TJ= 25°C
TJ= -40°C
GIPD041020131406FSR
Figure 16. Normalized VGE(th) vs junction
temperature
Figure 17. Normalized V(BR)CES vs. junction
temperature
VGE(th)
1.1
1.0
0.6
-50
TJ(°C)
(norm)
0
50
100
150
IC= 2mA
VCE= VGE
0.7
0.8
0.9
GIPD041020131457FSR
V(BR)CES
1.1
1.0
0.9
-50
TJ(°C)
(norm)
0
50
100
150
IC= 2mA
GIPD041020131502FSR
Figure 18. Capacitance variation
Figure 19. Gate charge vs. gate-emitter voltage
C
10
VCE(V)
(pF)
0.1
1
10
Ciss
100
1000
10000
Coes
Cres
GIPD041020131506FSR
VGE
8
0
Qg(nC)
(V)
020
IC= 15A
IGE= 1mA
VCC= 480V
4
40
12
60
80
16
GIPD041020131514FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com