Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGF15H60DF Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGF15H60DF
Description  Trench gate field-stop IGBT, H series 600 V, 15 A high speed
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGF15H60DF Datasheet(HTML) 1 Page - STMicroelectronics

  STGF15H60DF Datasheet HTML 1Page - STMicroelectronics STGF15H60DF Datasheet HTML 2Page - STMicroelectronics STGF15H60DF Datasheet HTML 3Page - STMicroelectronics STGF15H60DF Datasheet HTML 4Page - STMicroelectronics STGF15H60DF Datasheet HTML 5Page - STMicroelectronics STGF15H60DF Datasheet HTML 6Page - STMicroelectronics STGF15H60DF Datasheet HTML 7Page - STMicroelectronics STGF15H60DF Datasheet HTML 8Page - STMicroelectronics STGF15H60DF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
This is information on a product in full production.
October 2013
DocID025113 Rev 2
1/23
STGB15H60DF,
STGF15H60DF, STGP15H60DF
Trench gate field-stop IGBT, H series
600 V, 15 A high speed
Datasheet
production data
Figure 1. Internal schematic diagram
Features
• High speed switching
• Tight parameters distribution
• Safe paralleling
• Low thermal resistance
• Short-circuit rated
• Ultrafast soft recovery antiparallel diode
Applications
• Motor control
• UPS, PFC
Description
This device is an IGBT developed using an
advanced proprietary trench gate and field stop
structure. This IGBT series offers the optimum
compromise between conduction and switching
losses, maximizing the efficiency of very high
frequency converters. Furthermore, a positive
VCE(sat) temperature coefficient and very tight
parameter distribution result in easier paralleling
operation.
TO-220
D²PAK
1
2
3
TAB
1
3
TAB
TO-220FP
1
2
3
C (2, TAB)
E (3)
G (1)
Table 1. Device summary
Order codes
Marking
Packages
Packaging
STGB15H60DF
GB15H60DF
D²PAK
Tape and reel
STGF15H60DF
GF15H60DF
TO-220FP
Tube
STGP15H60DF
GP15H60DF
TO-220
Tube
www.st.com


Similar Part No. - STGF15H60DF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGF15M65DF2 STMICROELECTRONICS-STGF15M65DF2 Datasheet
910Kb / 15P
Trench gate field-stop IGBT M series, 650 V 15 A low loss
14-Oct-2015
logo
Inchange Semiconductor ...
STGF15M65DF2 ISC-STGF15M65DF2 Datasheet
398Kb / 6P
Trench gate Field-Stop IGBT
More results

Similar Description - STGF15H60DF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB20H60DF STMICROELECTRONICS-STGB20H60DF Datasheet
1Mb / 22P
600 V, 20 A high speed trench gate field-stop IGBT
03-Jun-2013
STGB5H60DF STMICROELECTRONICS-STGB5H60DF Datasheet
872Kb / 30P
Trench gate field-stop IGBT, H series 600 V, 5 A high speed
18-May-2015
STGB7H60DF STMICROELECTRONICS-STGB7H60DF Datasheet
985Kb / 25P
Trench gate field-stop IGBT, H series 600 V, 7 A high speed
05-Jun-2015
STGB10H60DF STMICROELECTRONICS-STGB10H60DF Datasheet
1Mb / 24P
Trench gate field-stop IGBT, H series 600 V, 10 A high speed
31-Oct-2013
STGB30H60DF STMICROELECTRONICS-STGB30H60DF Datasheet
1Mb / 24P
600 V, 30 A high speed trench gate field-stop IGBT
20-Mar-2013
STGFW20V60F STMICROELECTRONICS-STGFW20V60F Datasheet
1Mb / 19P
600 V, 20 A very high speed trench gate field-stop IGBT
11-Jul-2013
STGW15H120DF2 STMICROELECTRONICS-STGW15H120DF2 Datasheet
832Kb / 18P
Trench gate field-stop IGBT, H series 1200 V, 15 A high speed
04-Mar-2015
STGW15H120F2 STMICROELECTRONICS-STGW15H120F2 Datasheet
801Kb / 17P
Trench gate field-stop IGBT, H series 1200 V, 15 A high speed
01-Apr-2015
STGW20H60DF STMICROELECTRONICS-STGW20H60DF Datasheet
1Mb / 17P
600 V, 20 A high speed trench gate field-stop IGBT
06-Jun-2013
STGWT15H60F STMICROELECTRONICS-STGWT15H60F Datasheet
845Kb / 15P
Trench gate field-stop IGBT, H series 600 V, 15 A high speed
10-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com