Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGF15H60DF Datasheet(PDF) 10 Page - STMicroelectronics

Part # STGF15H60DF
Description  Trench gate field-stop IGBT, H series 600 V, 15 A high speed
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGF15H60DF Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STGF15H60DF Datasheet HTML 6Page - STMicroelectronics STGF15H60DF Datasheet HTML 7Page - STMicroelectronics STGF15H60DF Datasheet HTML 8Page - STMicroelectronics STGF15H60DF Datasheet HTML 9Page - STMicroelectronics STGF15H60DF Datasheet HTML 10Page - STMicroelectronics STGF15H60DF Datasheet HTML 11Page - STMicroelectronics STGF15H60DF Datasheet HTML 12Page - STMicroelectronics STGF15H60DF Datasheet HTML 13Page - STMicroelectronics STGF15H60DF Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Electrical characteristics
STGB15H60DF, STGF15H60DF, STGP15H60DF
10/23
DocID025113 Rev 2
Figure 20. Switching-off loss vs collector
current
Figure 21. Switching-off loss vs gate resistance
E
0
IC(A)
(µJ)
05
10
50
100
150
15
20
200
250
EON
300
350
400
450
VCC = 400V, VGE = 15V,
RG = 10Ω, TJ = 175°C
25
30
500
550
600
EOFF
GIPD041020131521FSR
E
100
RG()
(µJ)
212
22
150
200
250
3242
300
350
EOFF
VCC = 400 V, VGE = 15 V,
IC = 15 A, TJ = 175 °C
400
450
EON
GIPD041020131529FSR
Figure 22. Switching-off loss vs temperature
Figure 23. Switching-off loss vs collector-
emitter voltage
E
10
TJ(°C)
(µJ)
-50
0
50
110
210
310
100
150
EOFF
VCC= 400V, VGE= 15V,
RG= 10Ω, IC= 15A
EON
GIPD041020131535FSR
E
20
VCE(V)
(µJ)
150
250
350
70
120
170
450
EOFF
TJ= 175°C, VGE= 15V,
RG= 10Ω, IC= 15A
220
270
320
370
EON
GIPD041020131542FSR
Figure 24. Short circuit time and current vs VGE Figure 25. Switching times vs. collector current
tsc
10
8
6
10
VGE(V)
12
(μs)
11
VCC= 360V, RG= 10
Ω
4
tSC
ISC
13
12
ISC(A)
100
50
150
200
250
14
300
14
GIPD161020131059SA
t
1
IC(A)
(ns)
010
20
10
30
tf
TJ= 175°C, VGE= 15V,
RG= 10Ω, VCC= 400V
tdoff
100
tr
tdon
GIPD041020131549FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com