Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGF15H60DF Datasheet(PDF) 5 Page - STMicroelectronics

Part # STGF15H60DF
Description  Trench gate field-stop IGBT, H series 600 V, 15 A high speed
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGF15H60DF Datasheet(HTML) 5 Page - STMicroelectronics

  STGF15H60DF Datasheet HTML 1Page - STMicroelectronics STGF15H60DF Datasheet HTML 2Page - STMicroelectronics STGF15H60DF Datasheet HTML 3Page - STMicroelectronics STGF15H60DF Datasheet HTML 4Page - STMicroelectronics STGF15H60DF Datasheet HTML 5Page - STMicroelectronics STGF15H60DF Datasheet HTML 6Page - STMicroelectronics STGF15H60DF Datasheet HTML 7Page - STMicroelectronics STGF15H60DF Datasheet HTML 8Page - STMicroelectronics STGF15H60DF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
DocID025113 Rev 2
5/23
STGB15H60DF, STGF15H60DF, STGP15H60DF
Electrical characteristics
23
Table 6. Switching characteristics (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VCE = 400 V, IC = 15 A,
RG = 10 Ω, VGE = 15 V
24.5
-
ns
tr
Current rise time
8.2
-
ns
(di/dt)on
Turn-on current slope
1470
-
A/µs
td(on)
Turn-on delay time
VCE = 400 V, IC = 15 A,
RG = 10 Ω, VGE = 15 V
TJ = 175 °C
25
-
ns
-
tr
Current rise time
9-
ns
(di/dt)on
Turn-on current slope
1370
-
A/µs
tr(Voff)
Off voltage rise time
VCE = 400 V, IC = 15 A,
RG = 10 Ω, VGE = 15 V
18
-
ns
td(off)
Turn-off delay time
118
-
ns
tf
Current fall time
69
-
ns
tr(Voff)
Off voltage rise time
VCE = 400 V, IC = 15 A,
RG = 10 Ω, VGE = 15 V
TJ = 175 °C
27
-
ns
td(off)
Turn-off delay time
124
-
ns
tf
Current fall time
101
-
ns
tsc
Short-circuit withstand time
VCC ≤ 360 V, VGE = 15 V,
RG = 10 Ω
35
-
µs
Table 7. Switching energy (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Eon
(1)
1.
Energy losses include reverse recovery of the diode.
Turn-on switching losses
VCE = 400 V, IC = 15 A,
RG = 10 Ω, VGE = 15 V
-
136
-
µJ
Eoff
(2)
2. Turn-off losses include also the tail of the collector current.
Turn-off switching losses
-
207
-
µJ
Ets
Total switching losses
-
343
-
µJ
Eon
(1)
Turn-on switching losses
VCE = 400 V, IC = 15 A,
RG = 10 Ω, VGE = 15 V
TJ = 175 °C
-
224
-
µJ
Eoff
(2)
Turn-off switching losses
-
329
-
µJ
Ets
Total switching losses
-
553
-
µJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com