Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1150-RTR1 Datasheet(PDF) 31 Page - Texas Instruments

Part # CC1150-RTR1
Description  Low Power Sub-1 GHz RF Transmitter
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1150-RTR1 Datasheet(HTML) 31 Page - Texas Instruments

Back Button CC1150-RTR1 Datasheet HTML 27Page - Texas Instruments CC1150-RTR1 Datasheet HTML 28Page - Texas Instruments CC1150-RTR1 Datasheet HTML 29Page - Texas Instruments CC1150-RTR1 Datasheet HTML 30Page - Texas Instruments CC1150-RTR1 Datasheet HTML 31Page - Texas Instruments CC1150-RTR1 Datasheet HTML 32Page - Texas Instruments CC1150-RTR1 Datasheet HTML 33Page - Texas Instruments CC1150-RTR1 Datasheet HTML 34Page - Texas Instruments CC1150-RTR1 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 67 page
background image
(
)
(
)
(
)
CHANSPC _ E 2
XOSC
carrier
16
f
f
FREQ
CHAN
256
CHANSPC _ M
2
2
-
=
´
+
´
+
´
6
7
8
9
6
7
8
9
10
NUM_TXBYTES
GDO
CC1150
www.ti.com
SWRS037B – JANUARY 2006 – REVISED MARCH 2015
Figure 5-15. FIFO_THR=13 versus Number of Bytes in FIFO
5.13 Frequency Programming
The frequency programming in CC1150 is designed to minimize the programming needed in a channel-
oriented system.
To set up a system with channel numbers, the desired channel spacing is programmed with the
MDMCFG0.CHANSPC_M and MDMCFG1.CHANSPC_E registers. The channel spacing registers are
mantissa and exponent respectively.
The base or start frequency is set by the 24-bit frequency word located in the FREQ2, FREQ1 and
FREQ0 registers. This word will typically be set to the centre of the lowest channel frequency that is to be
used.
The desired channel number is programmed with the 8-bit channel number register, CHANNR.CHAN,
which is multiplied by the channel offset. The resultant carrier frequency is given by Equation 5.
(5)
With a 26-MHz crystal, the maximum channel spacing is 405 kHz. To get, for example, 1-MHz channel
spacing on solution is to use 333-kHz channel spacing and select each third channel in CHANNR.CHAN.
If any frequency programming register is altered when the frequency synthesizer is running, the
synthesizer may give an undesired response. Hence, the frequency programming should only be updated
when the radio is in the IDLE state.
5.14 VCO
The VCO is completely integrated on-chip.
5.14.1 VCO and PLL Self-Calibration
The VCO characteristics will vary with temperature and supply voltage changes, as well as the desired
operating frequency. In order to ensure reliable operation, CC1150 includes frequency synthesizer self-
calibration circuitry. This calibration should be done regularly, and must be performed after turning on
power and before using a new frequency (or channel). The number of XOSC cycles for completing the
PLL calibration is given in Table 5-6.
The calibration can be initiated automatically or manually. The synthesizer can be automatically calibrated
each time the synthesizer is turned on, or each time the synthesizer is turned off. This is configured with
the MCSM0.FS_AUTOCAL register setting.
In manual mode, the calibration is initiated when the SCAL command strobe is activated in the IDLE
mode.
The calibration values are not maintained in sleep mode. Therefore, the CC1150 must be recalibrated
after reprogramming the configuration registers when the chip has been in the SLEEP state.
To check that the PLL is in lock the user can program register IOCFGx.GDOx_CFG to 0x0A and use the
lock detector output available on the GDOx pin as an interrupt for the MCU (x = 0, 1, or 2). A positive
transition on the GDOx pin means that the PLL is in lock. As an alternative the user can read register
FSCAL1. The PLL is in lock if the register content is different from 0x3F. See more information in the
CC1150 Errata Notes [8].
For more robust operation the source code could include a check so that the PLL is re-calibrated until PLL
lock is achieved if the PLL does not lock the first time.
Copyright © 2006–2015, Texas Instruments Incorporated
Detailed Description
31
Submit Documentation Feedback
Product Folder Links: CC1150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com