Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1150-RTR1 Datasheet(PDF) 39 Page - Texas Instruments

Part # CC1150-RTR1
Description  Low Power Sub-1 GHz RF Transmitter
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1150-RTR1 Datasheet(HTML) 39 Page - Texas Instruments

Back Button CC1150-RTR1 Datasheet HTML 35Page - Texas Instruments CC1150-RTR1 Datasheet HTML 36Page - Texas Instruments CC1150-RTR1 Datasheet HTML 37Page - Texas Instruments CC1150-RTR1 Datasheet HTML 38Page - Texas Instruments CC1150-RTR1 Datasheet HTML 39Page - Texas Instruments CC1150-RTR1 Datasheet HTML 40Page - Texas Instruments CC1150-RTR1 Datasheet HTML 41Page - Texas Instruments CC1150-RTR1 Datasheet HTML 42Page - Texas Instruments CC1150-RTR1 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 67 page
background image
CC1150
www.ti.com
SWRS037B – JANUARY 2006 – REVISED MARCH 2015
Figure 5-19 summarizes the SPI address space. Registers that are only defined on the CC1101
transceiver are also listed. CC1101 and CC1150 are register compatible, but registers and fields only
implemented in the transceiver always contain 0 in CC1150.
The address to use is given by adding the base address to the left and the burst and read/write bits on the
top. Note that the burst bit has different meaning for base addresses above and below 0x2F.
Table 5-11. Command Strobes
ADDRESS
STROBE NAME
DESCRIPTION
0x30
SRES
Reset chip.
0x31
SFSTXON
Enable and calibrate frequency synthesizer (if MCSM0.FS_AUTOCAL=1).
0x32
SXOFF
Turn off crystal oscillator.
0x33
SCAL
Calibrate frequency synthesizer and turn it off (enables quick start). SCAL can be strobed in
IDLE state without setting manual calibration mode (MCSM0.FS_AUTOCAL=0)
0x35
STX
Enable TX. Perform calibration first if MCSM0.FS_AUTOCAL=1.
0x36
SIDLE
Exit TX and turn off frequency synthesizer.
0x39
SPWD
Enter power down mode when CSn goes high.
0x3B
SFTX
Flush the TX FIFO buffer.
0x3D
SNOP
No operation. May be used to pad strobe commands to two bytes for simpler software.
Table 5-12. Configuration Registers Overview
ADDRESS
ACRONYM
REGISTER NAME
SECTION
0x01
IOCFG1
GDO1 output pin configuration
Table 5-14
0x02
IOCFG0
GDO0 output pin configuration
Table 5-15
0x03
FIFOTHR
FIFO threshold
Table 5-16
0x04
SYNC1
Sync word, high byte
Table 5-17
0x05
SYNC0
Sync word, low byte
Table 5-18
0x06
PKTLEN
Packet length
Table 5-19
0x08
PKTCTRL0
Packet automation control
Table 5-20
0x09
ADDR
Device address
Table 5-21
0x0A
CHANNR
Channel number
Table 5-22
0x0D
FREQ2
Frequency control word, high byte
Table 5-23
0x0E
FREQ1
Frequency control word, middle byte
Table 5-24
0x0F
FREQ0
Frequency control word, low byte
Table 5-25
0x10
MDMCFG4
Modulator configuration
Table 5-26
0x11
MDMCFG3
Modulator configuration
Table 5-27
0x12
MDMCFG2
Modulator configuration
Table 5-28
0x13
MDMCFG1
Modulator configuration
Table 5-29
0x14
MDMCFG0
Modulator configuration
Table 5-30
0x15
DEVIATN
Modulator deviation setting
Table 5-31
0x17
MCSM1
Main Radio Control State Machine configuration
Table 5-32
0x18
MCSM0
Main Radio Control State Machine configuration
Table 5-33
Copyright © 2006–2015, Texas Instruments Incorporated
Detailed Description
39
Submit Documentation Feedback
Product Folder Links: CC1150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com