Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1150-RTR1 Datasheet(PDF) 46 Page - Texas Instruments

Part # CC1150-RTR1
Description  Low Power Sub-1 GHz RF Transmitter
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1150-RTR1 Datasheet(HTML) 46 Page - Texas Instruments

Back Button CC1150-RTR1 Datasheet HTML 42Page - Texas Instruments CC1150-RTR1 Datasheet HTML 43Page - Texas Instruments CC1150-RTR1 Datasheet HTML 44Page - Texas Instruments CC1150-RTR1 Datasheet HTML 45Page - Texas Instruments CC1150-RTR1 Datasheet HTML 46Page - Texas Instruments CC1150-RTR1 Datasheet HTML 47Page - Texas Instruments CC1150-RTR1 Datasheet HTML 48Page - Texas Instruments CC1150-RTR1 Datasheet HTML 49Page - Texas Instruments CC1150-RTR1 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 67 page
background image
DEVIATION _ E
xosc
dev
17
f
f
(8 DEVIATION _ M) 2
2
=
´
+
´
CHANSPC _ E
xosc
channel
18
f
f
(256 CHANSPC _ M) 2
CHAN
2
D
=
´
+
´
´
CC1150
SWRS037B – JANUARY 2006 – REVISED MARCH 2015
www.ti.com
Table 5-30. 0x14: MDMCFG0 – Modulator Configuration
BIT
FIELD
TYPE
RESET
DESCRIPTION
7:0
CHANSPC_M[7:0]
R/W
0xF8
8-bit mantissa of channel spacing (initial 1 assumed).
The channel spacing is multiplied by the channel
number CHAN and added to the base frequency. It is
unsigned and has the format:
(8)
The default values give 199.951 kHz channel spacing
(the closest setting to 200 kHz), assuming 26.0 MHz
crystal frequency.
Table 5-31. 0x15: DEVIATN – Modulator Deviation Setting
BIT
FIELD
TYPE
RESET
DESCRIPTION
7
R0
Not Used.
6:4
DEVIATION_E[2:0]
R/W
0x4
Deviation exponent.
3
R0
Not Used.
2:0
DEVIATION_M[2:0]
R/W
0x7
When MSK modulation is enabled:
Specifies the fraction of symbol period (1/8-8/8) during
which a phase change occurs (‘0’: +90deg, ‘1’: –90deg).
Refer to the SmartRF Studio [11] software for correct
DEVIATN setting when using MSK.
When 2-FSK/GFSK modulation is enabled:
Deviation mantissa, interpreted as a 4-bit value with MSB
implicit 1. The resulting frequency deviation is given by
Equation 9:
(9)
The default values give ±47.607 kHz deviation, assuming
26.0 MHz crystal frequency.
When ASK/OOK modulation is enabled:
This setting has no effect.
Table 5-32. 0x17: MCSM1 – Main Radio Control State Machine Configuration
BIT
FIELD
TYPE
RESET
DESCRIPTION
7:6
R0
Not Used.
5:2
Reserved
R0
0x0C
Defined on the transceiver version (CC1101).
1:0
TXOFF_MODE[1:0]
R/W
0x0
Select what should happen when a packet has been
sent (TX):
The binary number is the setting and the result is the
next state after finishing packet transmission.
00 = IDLE
01 = FSTXON
10 = Stay in TX (start sending preamble)
11 = Do not use, not implemented on CC1150
46
Detailed Description
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC1150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com