Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1150-RTR1 Datasheet(PDF) 42 Page - Texas Instruments

Part # CC1150-RTR1
Description  Low Power Sub-1 GHz RF Transmitter
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1150-RTR1 Datasheet(HTML) 42 Page - Texas Instruments

Back Button CC1150-RTR1 Datasheet HTML 38Page - Texas Instruments CC1150-RTR1 Datasheet HTML 39Page - Texas Instruments CC1150-RTR1 Datasheet HTML 40Page - Texas Instruments CC1150-RTR1 Datasheet HTML 41Page - Texas Instruments CC1150-RTR1 Datasheet HTML 42Page - Texas Instruments CC1150-RTR1 Datasheet HTML 43Page - Texas Instruments CC1150-RTR1 Datasheet HTML 44Page - Texas Instruments CC1150-RTR1 Datasheet HTML 45Page - Texas Instruments CC1150-RTR1 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 67 page
background image
CC1150
SWRS037B – JANUARY 2006 – REVISED MARCH 2015
www.ti.com
5.20.1 Configuration Register Details
Table 5-14. 0x01: IOCFG1 – GDO1 Output Pin configuration
BIT
FIELD
TYPE
RESET
DESCRIPTION
7
GDO_DS
R/W
0x0
Set high (1) or low (0) output drive strength on the GDO pins.
6
GDO1_INV
R/W
0x0
Invert output, that is, select active low (1) / high (0).
5:0
GDO1_CFG[5:0]
R/W
0x2E
Default is tri-state (See Table 5-10).
Table 5-15. 0x02: IOCFG0 – GDO0 Output Pin Configuration
BIT
FIELD
TYPE
RESET
DESCRIPTION
7
TEMP_SENSOR_ENABLE
R/W
0x0
Enable analog temperature sensor. Write 0 in all other register
bits when using temperature sensor.
6
GDO0_INV
R/W
0x0
Invert output, that is, select active low (1) / high (0).
5:0
GDO0_CFG[5:0]
R/W
0x3F
Default is CLK_XOSC/192 (See Table 5-10).
It is recommended to disable the clock output during initialization
in order to optimize RF performance.
Table 5-16. 0x03: FIFOTHR – FIFO Threshold
BIT
FIELD
TYPE
RESET
DESCRIPTION
7:4
Reserved
R/W
0x0
Write 0 for compatibility with possible future
extensions.
3:0
FIFO_THR[3:0]
R/W
0x07
Set the threshold for the TX FIFO. The
threshold is exceeded when the number of
bytes in the FIFO is equal to or higher than the
threshold value.
The binary number is the setting and the result
(Bytes in TX FIFO) is the next state after
finishing packet transmission.
0000 = 61
0001 = 57
0010 = 53
0011 = 49
0100 = 45
0101 = 41
0110 = 37
0111 = 33
1000 = 29
1001 = 25
1010 = 21
1011 = 17
1100 = 13
1101 = 9
1110 = 5
1111 = 1
Table 5-17. 0x04: SYNC1 – Sync Word, High Byte
BIT
FIELD
TYPE
RESET
DESCRIPTION
7:0
SYNC[15:8]
R/W
0xD3
8 MSB of 16-bit sync word.
Table 5-18. 0x05: SYNC0 – Sync Word, Low Byte
BIT
FIELD
TYPE
RESET
DESCRIPTION
7:0
SYNC[7:0]
R/W
0x91
8 LSB of 16-bit sync word.
42
Detailed Description
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC1150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com