Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6421INZDU4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6421INZDU4
Description  Fixed-Point Digital Signal Processor
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6421INZDU4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TNETV6421INZDU4 Datasheet HTML 2Page - Texas Instruments TNETV6421INZDU4 Datasheet HTML 3Page - Texas Instruments TNETV6421INZDU4 Datasheet HTML 4Page - Texas Instruments TNETV6421INZDU4 Datasheet HTML 5Page - Texas Instruments TNETV6421INZDU4 Datasheet HTML 6Page - Texas Instruments TNETV6421INZDU4 Datasheet HTML 7Page - Texas Instruments TNETV6421INZDU4 Datasheet HTML 8Page - Texas Instruments TNETV6421INZDU4 Datasheet HTML 9Page - Texas Instruments TNETV6421INZDU4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 222 page
background image
Revision History
TMS320C6421
Fixed-Point Digital Signal Processor
SPRS346D – JANUARY 2007 – REVISED JUNE 2008
www.ti.com
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
This data manual revision history highlights the technical changes made to the SPRS346C device-specific
data manual to make it an SPRS346D revision.
Scope: Applicable updates to the TMS320C642x, specifically relating to the TMS320C6421 device, have
been incorporated.
• Added 700-MHz C64x+™ device speed.
• Added designators for low-power (-L) devices.
SEE
ADDITIONS/MODIFICATIONS/DELETIONS
Section 1.1
Added "5600 MIPS" to "High-Performance Digital Signal Processor (C6421)" bullet
Section 1.2
•
In first paragraph, updated/changed the following:
–
First sentence from "With performance up to 4800 million instructions per second (MIPS) at a
clock rate of 600 MHz..." to "With performance up to 5600 million instructions per second (MIPS)
with a clock rate of 700 MHz..."
–
Fifth sentence from "The DSP core can produce...for a total of 2400 million MACs per second...or
a total of 4800 MMACS."to "The DSP core can produce...for a total of 2800 million MACs per
second...or a total of 5600 MMACS."
Section 2.7
Updated/Changed Figure 2-12, Device Nomenclature, to reflect new device speeds and low-power
designator (-L suffix).
Section 2.5
Table 2-20, Multichannel Audio Serial Port (McASP0) Terminal Functions:
•
Updated/Changed AFSR0/DR0/GP[100] pin description from "... frame synchronization AFSX0..." to
"...frame synchronization AFSR0..."
•
Updated/Changed AFSX0/DX1/GP[107] pin description from "...frame synchronization AFSR0..." to
"...frame synchronization AFSX0..."
Section 2.5
Table 2-25, Standalone GPIO 3.3 V Terminal Functions:
•
Added "Note: GP[xx] is only available when AEM = 0 or 5" to GP[36] through GP[43].
Section 3.7.3.1
Table 3-19, Multiplexed Pins on C6421:
•
Added "Note: GP[43:36] are only available when AEM = 0 or 5" to GP[36] through GP[43].
Section 5.3
Updated/Changed ICDD and IDDD test conditions and footnote in Section 5.3, Electrical Characteristics
Over Recommended Ranges of Supply Voltage and Operating Temperature (Unless Otherwise Noted).
Section 5.2
Deleted "Future variants..." footnote from table
Section 6.7.1
Table 6-15, PLLC1 Clock Frequency Ranges:
•
Updated/Changed PLLOUT 1.2V-CVDD max value from "700 MHz" to "600 MHz" for
-6/-5/-4/-Q6/-Q5/-Q4 devices.
•
Updated/Changed SYSCLK1 1.05V-CVDD max value from "560 MHz" to "520 MHz" for -7 devices.
Section 6.7.1
Updated/Changed sentence from "TI requires EMI filter manufacturer Murata..." to "TI recommends EMI
filter manufacturer Murata..."
Section 6.7.4
Deleted "(-4, -4Q, -4S, -5, -5Q, -5S, -6)" from Table 6-19 title, Timing Requirements for MXI/CLKIN.
Revision History
6
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com