Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6421INZDU4 Datasheet(PDF) 97 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6421INZDU4
Description  Fixed-Point Digital Signal Processor
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6421INZDU4 Datasheet(HTML) 97 Page - Texas Instruments

Back Button TNETV6421INZDU4 Datasheet HTML 93Page - Texas Instruments TNETV6421INZDU4 Datasheet HTML 94Page - Texas Instruments TNETV6421INZDU4 Datasheet HTML 95Page - Texas Instruments TNETV6421INZDU4 Datasheet HTML 96Page - Texas Instruments TNETV6421INZDU4 Datasheet HTML 97Page - Texas Instruments TNETV6421INZDU4 Datasheet HTML 98Page - Texas Instruments TNETV6421INZDU4 Datasheet HTML 99Page - Texas Instruments TNETV6421INZDU4 Datasheet HTML 100Page - Texas Instruments TNETV6421INZDU4 Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 222 page
background image
TMS320C6421
Fixed-Point Digital Signal Processor
www.ti.com
SPRS346D – JANUARY 2007 – REVISED JUNE 2008
The EMBK0, EMBK1, EMBK2, EMBK3 fields in the VDD3P3V_PWDN register determine the power state
of the EMIFA Block pins. The EMIFA Block pins default to powered up. For more details on the EMBK0,
EMBK1, EMBK2, EMBK3 fields in the VDD3P3V_PWDN register, see Section 3.2, Power Considerations.
To understand pin multiplexing in the EMIFA Block, see Section 3.7.3.11.1, EMIFA Block Major
Configuration Choices to determine the major configuration choices (A,B,C,D,E, or F). Section 3.7.3.11.2,
EMIFA Block Pin-By-Pin Multiplexing Summary, provides a pin-by-pin muxing summary for the EMIFA
Block. For more information on the PINMUX0 and PINMUX1 registers, see Section 3.7.2, Pin Muxing
Selection After Reset.
3.7.3.11.1 EMIFA Block Major Configuration Choices
Table 3-37 shows the major configuration choices in the EMIFA Block. Use this table to determine all of
the PINMUX settings for the EMIFA Block: AEM, RMII, CS5SEL, CS4SEL, and CS3SEL.
Submit Documentation Feedback
Device Configurations
97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com