Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6421INZDU4 Datasheet(PDF) 79 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6421INZDU4
Description  Fixed-Point Digital Signal Processor
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6421INZDU4 Datasheet(HTML) 79 Page - Texas Instruments

Back Button TNETV6421INZDU4 Datasheet HTML 75Page - Texas Instruments TNETV6421INZDU4 Datasheet HTML 76Page - Texas Instruments TNETV6421INZDU4 Datasheet HTML 77Page - Texas Instruments TNETV6421INZDU4 Datasheet HTML 78Page - Texas Instruments TNETV6421INZDU4 Datasheet HTML 79Page - Texas Instruments TNETV6421INZDU4 Datasheet HTML 80Page - Texas Instruments TNETV6421INZDU4 Datasheet HTML 81Page - Texas Instruments TNETV6421INZDU4 Datasheet HTML 82Page - Texas Instruments TNETV6421INZDU4 Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 222 page
background image
3.7 Multiplexed Pin Configurations
TMS320C6421
Fixed-Point Digital Signal Processor
www.ti.com
SPRS346D – JANUARY 2007 – REVISED JUNE 2008
C6421 makes extensive use of pin multiplexing to accommodate a large number of peripheral functions in
the smallest possible package, providing ultimate flexibility for end applications.
The Pin Multiplex Registers PINMUX0 and PINMUX1 in the System Module are responsible for controlling
all pin multiplexing functions on the C6421. The default setting of some of the PINMUX0 and PINMUX1 bit
fields are configured by configuration pins latched at reset (see Section 3.5.1, Device and Peripheral
Configurations at Device Reset). After reset, software may program the PINMUX0 and PINMUX1 registers
to switch pin functionalities.
The following peripherals have multiplexed pins: EMIFA, HPI, VLYNQ, EMAC, McASP0, McBSP0, PWM0,
PWM1, PWM2, Timer0, Timer1, UART0, and GPIO.
The device is divided into the following Pin Multiplexed Blocks (Pin Mux Blocks):
• EMIFA Block: EMIFA and GPIO. This block is further subdivided into these sub-blocks:
–
Sub-Block 0: part of EMIFA (address and control), part of EMAC(RMII), and GPIO
–
Sub-Block 1: part of EMIFA (data, address, control), part of EMAC(RMII), and GPIO
–
Sub-Block 2: part of EMIFA (control signals EM_WAIT/(RDY/BSY), EM_OE, and EM_WE)
–
Sub-Block 3: part of EMIFA (address EM_A[12:5]) and GPIO
• Host Block: HPI, VLYNQ, EMAC(MII), and GPIO
• Serial Port Block: McBSP0, McASP0, and GPIO. This block is further sub-divided into sub-blocks.
–
Serial Port Sub-Block 0: McBSP0, part of McASP0, and GPIO
–
Serial Port Sub-Block 1: part of McASP0 and GPIO
• UART0 Flow Control Block: UART0 flow control, PWM0, and GPIO
• UART0 Data Block: UART0 data and GPIO
• Timer0 Block: Timer0 and McBSP0 CLKS pins
• Timer1 Block: Timer1 and GPIO
• PWM1 Block: PWM1 and GPIO
• CLKOUT Block: CLKOUT0, PWM2, and GPIO
As shown in the list above, the McBSP0, UART0, and EMAC peripherals span multiple Pin Mux Blocks.
To use these peripherals, they must be selected in all relevant Pin Mux Blocks. For more details, see
Section 3.7.3, Pin Multiplexing Details, and Section 3.7.3.2, Peripherals Spanning Multiple Pin Mux
Blocks.
Note: There is no actual pin multiplexing in EMIFA Sub-Block 2. However it is still considered a "pin mux
block" because it contains part of the pins necessary for EMIFA.
A high level view of the Pin Mux Blocks is shown in Figure 3-10. In each Pin Mux Block, the
PINMUX0/PINMUX1 default settings are underlined.
Note: Some default pin functions are determined by configuration pins (AEM[2:0]); therefore, more than
one configuration setting can serve as default based on the configuration pin settings latched at device
reset.
Submit Documentation Feedback
Device Configurations
79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com