Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6421INZDU4 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6421INZDU4
Description  Fixed-Point Digital Signal Processor
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6421INZDU4 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TNETV6421INZDU4 Datasheet HTML 8Page - Texas Instruments TNETV6421INZDU4 Datasheet HTML 9Page - Texas Instruments TNETV6421INZDU4 Datasheet HTML 10Page - Texas Instruments TNETV6421INZDU4 Datasheet HTML 11Page - Texas Instruments TNETV6421INZDU4 Datasheet HTML 12Page - Texas Instruments TNETV6421INZDU4 Datasheet HTML 13Page - Texas Instruments TNETV6421INZDU4 Datasheet HTML 14Page - Texas Instruments TNETV6421INZDU4 Datasheet HTML 15Page - Texas Instruments TNETV6421INZDU4 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 222 page
background image
2.2.1.2 L1D Configuration Register (L1DCFG) Description
TMS320C6421
Fixed-Point Digital Signal Processor
SPRS346D – JANUARY 2007 – REVISED JUNE 2008
www.ti.com
31
16
RESERVED
R-0000 0000 0000 0000
15
3
2
0
RESERVED
L1PMODE
R- 0000 0000 0000 0
R/W-111 (7h)
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset.
Figure 2-2. L1PCFG Register
Table 2-3. L1PCFG Register Bit Descriptions
Bit
Field Name
Description
31:3
RESERVED
Reserved. Read-only, writes have no effect.
L1PMODE select.
000 [0h] = L1P Cache Disabled
001 [1h] = 4 KB
2:0
L1PMODE
010 [2h] = 8 KB
011 [3h] = 16KB
100 [4h] – 111 [7h] = Reserved. Do Not Use.(1)
(1)
For proper C6421 device operation, only settings 000 [0h] through 011 [3h] are valid. To intialize L1P RAM/Cache to a valid cache
setting, the user must follow the sequence outlined in Section 3.8, Device Initialization Sequence After Reset. For more details, see the
TMS320C6424/21 Digital Signal Processor (DSP) Silicon Errata [Silicon Revisions 1.1 and 1.0] (literature number SPRZ252).
The L1D Configuration Register (L1DCFG) controls/defines the size of the L1D cache. The format and bit
field descriptions of the L1DCFG register for the C6421 are shown in Figure 2-3 and Table 2-4,
respectively.
31
16
RESERVED
R-0000 0000 0000 0000
15
3
2
0
RESERVED
L1DMODE
R- 0000 0000 0000 0
R/W-111 (7h)
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset.
Figure 2-3. L1DCFG Register
12
Device Overview
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com