Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2665FIBZWT4 Datasheet(PDF) 174 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2665FIBZWT4
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2665FIBZWT4 Datasheet(HTML) 174 Page - Texas Instruments

Back Button TNETV2665FIBZWT4 Datasheet HTML 170Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 171Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 172Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 173Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 174Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 175Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 176Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 177Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 178Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 249 page
background image
TMS320C6424
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
www.ti.com
Table 6-25. Switching Characteristics Over Recommended Operating Conditions for Asynchronous
Memory Cycles for EMIFA Module(1) (2) (see Figure 6-14 and Figure 6-15)
-7/-6/-5/-4
NO
-L/-Q6/-Q5/-Q4
PARAMETER
UNIT
.
MIN
NOM
MAX
READS and WRITES
1
td(TURNAROUND)
Turn around time
(TA + 1) * E
ns
READS
(RS + RST + RH +
3
tc(EMRCYCLE)
EMIF read cycle time
ns
TA + 4) * E(3)
Output setup time, EM_CS[5:2] low to
(RS + 1) * E - 4
(RS + 1) * E + 4
ns
EM_OE low (SS = 0)
4
tsu(EMCSL-EMOEL)
Output setup time, EM_CS[5:2] low to
-4
4
ns
EM_OE low (SS = 1)
Output hold time, EM_OE high to
(RH + 1) * E - 4
(RH + 1) * E + 4
ns
EM_CS[5:2] high (SS = 0)
5
th(EMOEH-EMCSH)
Output hold time, EM_OE high to
-4
4
ns
EM_CS[5:2] high (SS = 1)
Output setup time, EM_BA[1:0] valid to
6
tsu(EMBAV-EMOEL)
(RS + 1) * E - 4
(RS + 1) * E + 4
ns
EM_OE low
Output hold time, EM_OE high to
7
th(EMOEH-EMBAIV)
(RH + 1) * E - 4
(RH + 1) * E + 4
ns
EM_BA[1:0] invalid
Output setup time, EM_A[21:0] valid to
8
tsu(EMBAV-EMOEL)
(RS + 1) * E - 4
(RS + 1) * E + 4
ns
EM_OE low
Output hold time, EM_OE high to
9
th(EMOEH-EMBAIV)
(RH + 1) * E - 4
(RH + 1) * E + 4
ns
EM_A[21:0] invalid
10
tw(EMOEL)
EM_OE active low width
(RST + 1) * E(3)
ns
Delay time from EM_WAIT deasserted
11
td(EMWAITH-EMOEH)
4E + 4
ns
to EM_OE high
WRITES
(WS + WST + WH +
15
tc(EMWCYCLE)
EMIF write cycle time
ns
TA + 4) * E(3)
Output setup time, EM_CS[5:2] low to
(WS + 1) * E - 4
(WS + 1) * E + 4
ns
EM_WE low (SS = 0)
16
tsu(EMCSL-EMWEL)
Output setup time, EM_CS[5:2] low to
-4
4
ns
EM_WE low (SS = 1)
Output hold time, EM_WE high to
(WH + 1) * E - 4
(WH + 1) * E + 4
ns
EM_CS[5:2] high (SS = 0)
17
th(EMWEH-EMCSH)
Output hold time, EM_WE high to
-4
4
ns
EM_CS[5:2] high (SS = 1)
Output setup time, EM_R/W valid to
18
tsu(EMRNW-EMWEL)
(WS + 1) * E - 4
(WS + 1) * E + 4
ns
EM_WE low
Output hold time, EM_WE high to
19
th(EMWEH-EMRNW)
(WH + 1) * E - 4
(WH + 1) * E + 4
ns
EM_R/W invalid
Output setup time, EM_BA[1:0] valid to
20
tsu(EMBAV-EMWEL)
(WS + 1) * E - 4
(WS + 1) * E + 4
ns
EM_WE low
Output hold time, EM_WE high to
21
th(EMWEH-EMBAIV)
(WH + 1) * E - 4
(WH + 1) * E + 4
ns
EM_BA[1:0] invalid
Output setup time, EM_A[21:0] valid to
22
tsu(EMAV-EMWEL)
(WS + 1) * E - 4
(WS + 1) * E + 4
ns
EM_WE low
Output hold time, EM_WE high to
23
th(EMWEH-EMAIV)
(WH + 1) * E - 4
(WH + 1) * E + 4
ns
EM_A[21:0] invalid
(1)
RS = Read setup, RST = Read STrobe, RH = Read Hold, WS = Write Setup, WST = Write STrobe, WH = Write Hold, TA = Turn
Around, EW = Extend Wait mode, SS = Select Strobe mode. These parameters are programmed via the Asynchronous n Configuration
and Asynchronous Wait Cycle Configuration Registers.
(2)
E = SYSCLK3 period in ns for EMIFA. For example, when running the DSP CPU at 600 MHz, use E = 10 ns.
(3)
When EW = 1, the EMIF will extend the strobe period up to 4,096 additional cycles when the EM_WAIT pin is asserted by the external
device.
174
Peripheral Information and Electrical Specifications
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com