Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2665FIBZWT4 Datasheet(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2665FIBZWT4
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2665FIBZWT4 Datasheet(HTML) 73 Page - Texas Instruments

Back Button TNETV2665FIBZWT4 Datasheet HTML 69Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 70Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 71Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 72Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 73Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 74Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 75Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 76Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 249 page
background image
TMS320C6424
www.ti.com
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
Table 3-5. User-Select Multiplier Fastboot Modes (FASTBOOT = 1)
DEVICE BOOT AND
PLLC1 CLOCK SETTING AT BOOT
CONFIGURATION PINS
C6424 DMP
DSPBOOTADDR
BOOT DESCRIPTION(1)
DEVICE
(Master/Slave)
(DEFAULT)(1)
PLL
CLKDIV1 DOMAIN
BOOTMODE[3:0]
PCIEN
FREQUENCY
MODE(2)
(SYSCLK1 DIVIDER)
(SYSCLK1)
0000
0 or 1
No Boot (Emulation Boot)
Master
Bypass
/1
CLKIN
0x0010 0000
0
Reserved
–
–
–
–
–
0001
PCI Boot without Auto
1
Slave
Table 3-6
/2
Table 3-6
0x0010 0000
Initialization
0
HPI Boot
Slave
Table 3-6
/2
Table 3-6
0x0010 0000
0010
PCI Boot with Auto
1
Slave
Table 3-6
/2
Table 3-6
0x0010 0000
Initialization
0011
0 or 1
Reserved
–
–
–
–
–
EMIFA ROM FASTBOOT
0100
0 or 1
Master
Table 3-6
/2
Table 3-6
0x0010 0000
with AIS
I2C Boot
0101
0 or 1
Master
Table 3-6
/2
Table 3-6
0x0010 0000
[FAST MODE](3)
16-bit SPI Boot
0110
0 or 1
Master
Table 3-6
/2
Table 3-6
0x0010 0000
[McBSP0]
0111
0 or 1
NAND Flash Boot
Master
Table 3-6
/2
Table 3-6
0x0010 0000
UART Boot without
1000
0 or 1
Hardware Flow Control
Master
Table 3-6
/2
Table 3-6
0x0010 0000
[UART0]
EMIFA ROM FASTBOOT
1001
0 or 1
Master
Table 3-6
/2
Table 3-6
–
without AIS
1010
0 or 1
VLYNQ Boot
Slave
x20
/2
CLKIN x20 / 2
0x0010 0000
1011
0 or 1
Reserved
–
–
–
–
–
1100
0 or 1
Reserved
–
–
–
–
–
1101
0 or 1
Reserved
–
–
–
–
–
UART Boot with
1110
0 or 1
Hardware Flow Control
Master
Table 3-6
/2
Table 3-6
0x0010 0000
[UART0]
24-bit SPI Boot
1111
0 or 1
Master
x20
/2
CLKIN x20 / 2
0x0010 0000
(McBSP0 + GP[97])
(1)
For all boot modes that default to DSPBOOTADDR = 0x0010 0000, the bootloader code disables all C64x+ cache (L2, L1P, and L1D)
so that upon exit from the bootloader code, all C64x+ memories are configured as all RAM. If cache use is required, the application
code must explicitly enable the cache.For more information on the bootloader, see the Using the TMS320C642x Bootloader Application
Report (literature number SPRAAK5).
(2)
Any supported PLL MODE is available. [See Table 3-6 for supported C6424 PLL MODE options].
(3)
I2C Boot (BOOTMODE[3:0] = 0101b) is only available if the MXI/CLKIN frequency is between 21 MHz to 30 MHz. I2C Boot is not
available for MXI/CLKIN frequencies less than 21 MHz.
Table 3-6. PLL Multiplier Selection (PLLMS[2:0]) in User-Select Multiplier Fastboot Modes
(FASTBOOT = 1)
DEVICE BOOT AND
PLLC1 CLOCK SETTING AT BOOT
CONFIGURATION PINS
CLKDIV1 DOMAIN
PLLMS[2:0]
PLL MODE
DEVICE FREQUENCY (SYSCLK1)
(SYSCLK1 DIVIDER)
000
x20
/2
CLKIN x20 / 2
001
x15
/2
CLKIN x15 / 2
010
x16
/2
CLKIN x16 / 2
011
x18
/2
CLKIN x18 / 2
100
x22
/2
CLKIN x22 / 2
101
x25
/2
CLKIN x25 / 2
110
x27
/2
CLKIN x27 / 2
111
x30
/2
CLKIN x30 / 2
Copyright © 2007–2009, Texas Instruments Incorporated
Device Configurations
73
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com