Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2665FIBZWT4 Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2665FIBZWT4
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2665FIBZWT4 Datasheet(HTML) 65 Page - Texas Instruments

Back Button TNETV2665FIBZWT4 Datasheet HTML 61Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 62Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 63Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 64Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 65Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 66Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 67Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 68Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 249 page
background image
C64x+™ DSP:
C6424
C6421
PREFIX
TMS
320
C6424
ZWT
TMX = Experimental device
TMS = Qualified device
DEVICE FAMILY
320 = TMS320™ DSP Family
PACKAGE TYPE
(A)
ZWT = 361-pin plastic BGA, with Pb-Free soldered balls
ZDU = 376-pin plastic BGA, with Pb-Free soldered balls [Green]
DEVICE
DEVICE SPEED RANGE
(D)
( )
4
5
6
7
L = Low Power Device
TEMPERATURE RANGE (JUNCTION)
( )
( )
SILICON REVISION:
Blank = Revision 1.3
Blank
= 0° C to 90° C, Commercial Grade
Q
= -40° C to 125° C, Automotive Grade
R
= 0° C to 90° C, Commercial Grade (Tape and Reel)
S
= -40° C to 125° C, Automotive Grade (Tape and Reel)
TMS320C6424
www.ti.com
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
Predictions show that prototype devices (TMX or TMP) have a greater failure rate than the standard
production devices. Texas Instruments recommends that these devices not be used in any production
system because their expected end-use failure rate still is undefined. Only qualified production devices are
to be used.
TI device nomenclature also includes a suffix with the device family name. This suffix indicates the
package type (for example, ZWT), the temperature range (for example, "Blank" is the commercial
temperature range), and the device speed range in megahertz (for example, "Blank" is the default
[600-MHz]).
Figure 2-14 provides a legend for reading the complete device name for any TMS320C642x DSP platform
member.
A.
BGA = Ball Grid Array
B.
Not all combinations are available. For more information, see the Orderable Devices table in the Packing Information
section.
C.
The device speed range symbolization indicates the maximum CPU frequency at the highest CVDD voltage supported.
To determine the maximum CPU frequency at other supported CVDD voltages, see Section 6.7.1, PLL1 and PLL2.
D.
For the actual device operating frequency (speed), see the FSYSCLK1 in Section 5.2, Recommended Operating
Conditions.
Figure 2-14. Device Nomenclature(C)(D)
Copyright © 2007–2009, Texas Instruments Incorporated
Device Overview
65
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com