Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2665FIBZWT4 Datasheet(PDF) 72 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2665FIBZWT4
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2665FIBZWT4 Datasheet(HTML) 72 Page - Texas Instruments

Back Button TNETV2665FIBZWT4 Datasheet HTML 68Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 69Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 70Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 71Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 72Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 73Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 74Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 75Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 249 page
background image
TMS320C6424
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
www.ti.com
Table 3-4. Non-Fastboot Modes (FASTBOOT = 0)
DEVICE BOOT AND
PLLC1 CLOCK SETTING AT BOOT
CONFIGURATION PINS
C6424 DMP
DSPBOOTADDR
BOOT DESCRIPTION(1)
DEVICE
(Master/Slave)
(DEFAULT)(1)
PLL
CLKDIV1 DOMAIN
BOOTMODE[3:0]
PCIEN
FREQUENCY
MODE(2)
(SYSCLK1 DIVIDER)
(SYSCLK1)
0000
0 or 1
No Boot (Emulation Boot)
Master
Bypass
/1
CLKIN
0x0010 0000
0001
0 or 1
Reserved
–
–
–
–
–
0
HPI Boot
Slave
Bypass
/1
CLKIN
0x0010 0000
0010
1
Reserved
–
–
–
–
–
0011
0 or 1
Reserved
–
–
–
–
–
EMIFA ROM Direct Boot
0100
0 or 1
Master
Bypass
/1
CLKIN
0x4200 000
[PLL Bypass Mode]
I2C Boot
0101
0 or 1
Master
Bypass
/1
CLKIN
0x0010 0000
[STANDARD MODE](3)
16-bit SPI Boot
0110
0 or 1
Master
Bypass
/1
CLKIN
0x0010 0000
[McBSP0]
0111
0 or 1
NAND Flash Boot
Master
Bypass
/1
CLKIN
0x0010 0000
UART Boot without
1000
0 or 1
Hardware Flow Control
Master
Bypass
/1
CLKIN
0x0010 0000
[UART0]
1001
0 or 1
Reserved
–
–
–
–
–
1010
0 or 1
VLYNQ Boot
Slave
Bypass
/1
CLKIN
0x0010 0000
1011
0 or 1
Reserved
–
–
–
–
–
1100
0 or 1
Reserved
–
–
–
–
–
1101
0 or 1
Reserved
–
–
–
–
–
UART Boot with
1110
0 or 1
Hardware Flow Control
Master
Bypass
/1
CLKIN
0x0010 0000
[UART0]
24-bit SPI Boot
1111
0 or 1
Master
Bypass
/1
CLKIN
0x0010 0000
(McBSP0 + GP[97])
(1)
For all boot modes that default to DSPBOOTADDR = 0x0010 0000 (i.e., all boot modes except the EMIFA ROM Direct Boot,
BOOTMODE[3:0] = 0100, FASTBOOT = 0), the bootloader code disables all C64x+ cache (L2, L1P, and L1D) so that upon exit from the
bootloader code, all C64x+ memories are configured as all RAM. If cache use is required, the application code must explicitly enable the
cache. For more information on the bootloader, see the Using the TMS320C642x Bootloader Application Report (literature number
SPRAAK5).
(2)
The PLL MODE for Non-Fastboot Modes is fixed as shown in this table; therefore, the PLLMS[2:0] configuration pins have no effect on
the PLL MODE.
(3)
I2C Boot (BOOTMODE[3:0] = 0101b) is only available if the MXI/CLKIN frequency is between 21 MHz to 30 MHz. I2C Boot is not
available for MXI/CLKIN frequencies less than 21 MHz.
72
Device Configurations
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com