Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2665FIBZWT4 Datasheet(PDF) 100 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2665FIBZWT4
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2665FIBZWT4 Datasheet(HTML) 100 Page - Texas Instruments

Back Button TNETV2665FIBZWT4 Datasheet HTML 96Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 97Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 98Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 99Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 100Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 101Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 102Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 103Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 104Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 249 page
background image
TMS320C6424
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
www.ti.com
•
UART0: The two UART0 data pins are located in the UART0 Data Block, but the two UART0 flow
control pins are located in the UART0 Flow Control Block. To select UART0, program PINMUX
registers as follows:
–
UART0 Data Block: UR0BK = 1
–
UART0 Flow Control Block: If flow control pins are desired, program UR0FCBK = 01.
3.7.3.3
Host Block Muxing
This block of 27 pins consists of PCI, HPI, VLYNQ, EMAC(MII), MDIO, and GPIO muxed pins. The
following register fields select the pin functions in the Host Block:
•
PINMUX1.PCIEN
•
PINMUX1.HOSTBK
Table 3-20 summarizes the 27 pins in the Host Block, the multiplexed function on each pin, and the
PINMUX configurations to select the corresponding function.
100
Device Configurations
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com