Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2665FIBZWT4 Datasheet(PDF) 180 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2665FIBZWT4
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2665FIBZWT4 Datasheet(HTML) 180 Page - Texas Instruments

Back Button TNETV2665FIBZWT4 Datasheet HTML 176Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 177Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 178Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 179Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 180Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 181Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 182Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 183Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 184Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 249 page
background image
TMS320C6424
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
www.ti.com
6.10 Universal Asynchronous Receiver/Transmitter (UART)
C6424 has 2 UART peripherals. Each UART has the following features:
•
16-byte storage space for both the transmitter and receiver FIFOs
•
1, 4, 8, or 14 byte selectable receiver FIFO trigger level for autoflow control and DMA
•
DMA signaling capability for both received and transmitted data
•
Programmable auto-rts and auto-cts for autoflow control
•
Frequency pre-scale values from 1 to 65,535 to generate appropriate baud rates
•
Prioritized interrupts
•
Programmable serial data formats
–
5, 6, 7, or 8-bit characters
–
Even, odd, or no parity bit generation and detection
–
1, 1.5, or 2 stop bit generation
•
False start bit detection
•
Line break generation and detection
•
Internal diagnostic capabilities
–
Loopback controls for communications link fault isolation
–
Break, parity, overrun, and framing error simulation
•
Modem control functions (CTS, RTS) on UART0 only.
The UART0/1 registers are listed in Table 6-28 and Table 6-29.
6.10.1 UART Peripheral Register Description(s)
Table 6-28. UART0 Register Descriptions
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0x01C2 0000
RBR
UART0 Receiver Buffer Register (Read Only)
0x01C2 0000
THR
UART0 Transmitter Holding Register (Write Only)
0x01C2 0004
IER
UART0 Interrupt Enable Register
0x01C2 0008
IIR
UART0 Interrupt Identification Register (Read Only)
0x01C2 0008
FCR
UART0 FIFO Control Register (Write Only)
0x01C2 000C
LCR
UART0 Line Control Register
0x01C2 0010
MCR
UART0 Modem Control Register
0x01C2 0014
LSR
UART0 Line Status Register
0x01C2 0018
-
Reserved
0x01C2 001C
-
Reserved
0x01C2 0020
DLL
UART0 Divisor Latch (LSB)
0x01C2 0024
DLH
UART0 Divisor Latch (MSB)
0x01C2 0028
PID1
Peripheral Identification Register 1
0x01C2 002C
PID2
Peripheral Identification Register 2
0x01C2 0030
PWREMU_MGMT
UART0 Power and Emulation Management Register
0x01C2 0034 - 0x01C2 03FF
-
Reserved
Table 6-29. UART1 Register Descriptions
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0x01C2 0400
RBR
UART1 Receiver Buffer Register (Read Only)
0x01C2 0400
THR
UART1 Transmitter Holding Register (Write Only)
0x01C2 0404
IER
UART1 Interrupt Enable Register
180
Peripheral Information and Electrical Specifications
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com