Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2665FIBZWT4 Datasheet(PDF) 216 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2665FIBZWT4
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2665FIBZWT4 Datasheet(HTML) 216 Page - Texas Instruments

Back Button TNETV2665FIBZWT4 Datasheet HTML 212Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 213Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 214Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 215Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 216Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 217Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 218Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 219Page - Texas Instruments TNETV2665FIBZWT4 Datasheet HTML 220Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 249 page
background image
MRCLK
2
3
1
MTCLK
2
3
1
TMS320C6424
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
www.ti.com
6.15.3
EMAC Electrical Data/Timing (MII and RMII)
6.15.3.1 EMAC MII Electrical Data/Timing
Table 6-59. Timing Requirements for MRCLK - MII Operation (see Figure 6-34)
-7/-6/-5/-4
-L/-Q6/-Q5/-Q4
NO.
UNIT
10 Mbps
100 Mbps
MIN
MAX
MIN
MAX
1
tc(MRCLK)
Cycle time, MRCLK(1)
400
40
ns
2
tw(MRCLKH)
Pulse duration, MRCLK high
140
14
ns
3
tw(MRCLKL)
Pulse duration, MRCLK low
140
14
ns
(1)
There is a clock ratio requirement between the system infrastructure clock, SYSCLK3, and the EMAC receive/transmit input clocks,
MRCLK and MTCLK. For proper device operation, the SYSCLK3 frequency must be faster than 12.5 MHz.
Figure 6-34. MRCLK Timing (EMAC - Receive) [MII Operation]
Table 6-60. Timing Requirements for MTCLK - MII Operation (see Figure 6-34)
-7/-6/-5/-4
-L/-Q6/-Q5/-Q4
NO.
UNIT
10 Mbps
100 Mbps
MIN
MAX
MIN
MAX
1
tc(MTCLK)
Cycle time, MTCLK(1)
400
40
ns
2
tw(MTCLKH)
Pulse duration, MTCLK high
140
14
ns
3
tw(MTCLKL)
Pulse duration, MTCLK low
140
14
ns
(1)
There is a clock ratio requirement between the system infrastructure clock, SYSCLK3, and the EMAC receive/transmit input clocks,
MRCLK and MTCLK. For proper device operation, the SYSCLK3 frequency must be faster than 12.5 MHz.
Figure 6-35. MTCLK Timing (EMAC - Transmit) [MII Operation]
Table 6-61. Timing Requirements for EMAC MII Receive 10/100 Mbit/s(1) (see Figure 6-36)
-7/-6/-5/-4
-L/-Q6/-Q5/-
NO.
UNIT
Q4
MIN
MAX
1
tsu(MRXD-MRCLKH)
Setup time, receive selected signals valid before MRCLK high
8
ns
2
th(MRCLKH-MRXD)
Hold time, receive selected signals valid after MRCLK high
8
ns
(1)
Receive selected signals include: MRXD3-MRXD0, MRXDV, and MRXER.
216
Peripheral Information and Electrical Specifications
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com