Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MM70XP Datasheet(PDF) 56 Page - STMicroelectronics

Part # L99MM70XP
Description  INH input for external CAN transceiver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MM70XP Datasheet(HTML) 56 Page - STMicroelectronics

Back Button L99MM70XP Datasheet HTML 52Page - STMicroelectronics L99MM70XP Datasheet HTML 53Page - STMicroelectronics L99MM70XP Datasheet HTML 54Page - STMicroelectronics L99MM70XP Datasheet HTML 55Page - STMicroelectronics L99MM70XP Datasheet HTML 56Page - STMicroelectronics L99MM70XP Datasheet HTML 57Page - STMicroelectronics L99MM70XP Datasheet HTML 58Page - STMicroelectronics L99MM70XP Datasheet HTML 59Page - STMicroelectronics L99MM70XP Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 68 page
background image
SPI control and status registers
L99MM70XP
56/68
Doc ID 022637 Rev 2
Table 36.
Control register 3
Control register 3 (03h)
Bit
15
14
13
12
11
10
9
8
7
6
5
43210
Reset state
0
0
0
0
0
0
0
0
0
1
0
00000
Name
reserved
OCR
Freq
OVUVR
OUT5
OR
OUT4
OR
OUT3
OR
OUT2
OR
OUT1
OR
LIN
Flash
LIN
TXD
Tout
ECVL
OUT5
PWM1
OUT4
PWM1
OUT3
PWM1
OUT2
PWM1
OUT1
PWM1
Table 37.
Control register 3, bits
Bit name
Comment
reserved
Reserved bit, has always to be written to 0 and reads always 0
OCRFREQ
OCR frequency:
This bit defines the overcurrent recovery frequency of a driver in overcurrent recovery mode
0: 1.7 kHz
1: 3 kHz
OVUVR
Overvoltage/undervoltage recovery:
1: clear status register to enable the outputs after an overvoltage/undervoltage event
0: outputs are enabled automatically after an overvoltage/undervoltage event
OUT5OR
Overcurrent recovery enable:
1: the output is automatically reactivated after a delay time with programmable duty cycle
(CR3/Bit14)
0: clear status register to enable the output after an overcurrent event
OUT4OR
OUT3OR
OUT2OR
OUT1OR
LINFLASH
LIN flash mode:
0: 20 kbit/s
1: 100 kbit/s
LINTXDTout
Dominant TxD time-out for the LIN interface:
1: enable the dominant TXD time-out for the LIN interface
0: disable the dominant TXD time-out for the LIN interface
ECVL
EC voltage limit:
0: max EC voltage = 1.2V
1: max EC voltage = 1.5V
OUT5PWM1
If the PWM enable bit is set and the output is enabled, the output is switched on only if the PWM1
input is high, and switched off if the PWM1 input is low.
OUT4PWM1
OUT3PWM1
OUT2PWM1
OUT1PWM1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com