Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MM70XP Datasheet(PDF) 22 Page - STMicroelectronics

Part # L99MM70XP
Description  INH input for external CAN transceiver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MM70XP Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L99MM70XP Datasheet HTML 18Page - STMicroelectronics L99MM70XP Datasheet HTML 19Page - STMicroelectronics L99MM70XP Datasheet HTML 20Page - STMicroelectronics L99MM70XP Datasheet HTML 21Page - STMicroelectronics L99MM70XP Datasheet HTML 22Page - STMicroelectronics L99MM70XP Datasheet HTML 23Page - STMicroelectronics L99MM70XP Datasheet HTML 24Page - STMicroelectronics L99MM70XP Datasheet HTML 25Page - STMicroelectronics L99MM70XP Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 68 page
background image
Description
L99MM70XP
22/68
Doc ID 022637 Rev 2
3.12
LIN bus interface
3.12.1
General features
●
Speed communication up to 20 kbit/s
●
High speed Flash mode 100 kbit/s
●
LIN 2.1 compliant (SAEJ2602 compatible) transceiver
●
Function range from +40 V to -18 V DC at LIN pin
●
GND disconnection fail safe at module level
●
Off mode: does not disturb network
●
GND shift operation at system level
●
Microcontroller Interface with CMOS compatible I/O pins
●
Pull up internal resistor
●
ESD: immunity against automotive transients per ISO7637 specification
●
Matched output slopes and propagation delay
In order to further reduce the current consumption in standby mode, the integrated LIN bus
interface offers an ultra low current consumption.
3.12.2
LIN error handling
The L99MM70XP provides the following 3 error handling features which are not described in
the LIN Specifications V2.1, but are realized in different stand alone LIN
transceivers/microcontrollers to switch the application back to normal operation mode.
Dominant TXD time out
A permanent low-level on pin TXD would force the bus into a permanent dominant state,
blocking all network communication. If pin TXD remains at low-level for longer than the TXD
dominant timeout tdom(TXD), the transmitter is disabled. The status bit is latched and can be
read and optionally cleared by SPI. The transmitter remains disabled until the status register
is cleared. This feature can be disabled via SPI.
LIN BUS permanent recessive
If TXD changes to low-level but the bus does not follow within trec(LIN), the transmitter is
disabled. The status bit is latched and can be read and optionally cleared by SPI. The
transmitter remains disabled until the status register is cleared.
LIN BUS permanent dominant
If a dominant state on the bus persists for longer than tdom(LIN) a permanent dominant status
is detected. The status bit is latched and can be read and optionally cleared by SPI. The
transmitter of the transceiver is not disabled.
Note:
A wake-up caused by a message on the bus starts the voltage regulator and the
microcontroller to switch the application back to normal operation mode.
3.12.3
Wake-up (from LIN bus)
In standby mode the L99MM70XP can receive a wake-up from LIN bus. For the wake-up
feature the L99MM70XP logic differentiates two different conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com