Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MM70XP Datasheet(PDF) 23 Page - STMicroelectronics

Part # L99MM70XP
Description  INH input for external CAN transceiver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MM70XP Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L99MM70XP Datasheet HTML 19Page - STMicroelectronics L99MM70XP Datasheet HTML 20Page - STMicroelectronics L99MM70XP Datasheet HTML 21Page - STMicroelectronics L99MM70XP Datasheet HTML 22Page - STMicroelectronics L99MM70XP Datasheet HTML 23Page - STMicroelectronics L99MM70XP Datasheet HTML 24Page - STMicroelectronics L99MM70XP Datasheet HTML 25Page - STMicroelectronics L99MM70XP Datasheet HTML 26Page - STMicroelectronics L99MM70XP Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 68 page
background image
L99MM70XP
Description
Doc ID 022637 Rev 2
23/68
Normal wake-up
Normal wake-up can occur when the L99MM70XP was set in standby mode while a
recessive (state was present on the bus. A dominant level at LIN for t > tlinbus, switches the
L99MM70XP to active mode. An interrupt is generated at the RXD/NINT pin.
Wake-up from short to GND condition
If the L99MM70XP was set in standby mode while LIN was in dominant (low) state,
recessive level at LIN for tlinbus, switches the L99MM70XP to active mode. An interrupt is
generated at the RXD/NINT pin.
3.13
Serial peripheral interface (ST SPI standard)
A 24 bit ST-SPI is used for bi-directional communication with the microcontroller.
During active mode, the SPI
●
Triggers the watchdog
●
Controls the modes and status of all L99MM70XP modules (incl. input and output
drivers)
●
Provides driver output diagnostic
●
Provides L99MM70XP diagnostic (incl. overtemperature warning, L99MM70XP
operation status)
Note:
During standby modes, the SPI is generally deactivated.
The SPI can be driven by a microcontroller with its SPI peripheral running in following mode:
CPOL = 0 and CPHA = 0.
For this mode, input data is sampled by the low to high transition of the clock CLK, and
output data is changed from the high to low transition of CLK.
This device is not limited to microcontroller with a build-in SPI. Only three CMOS-compatible
output pins and one input pin are needed to communicate with the device. A fault condition
can be detected by setting CSN to low. If CSN = 0, the DO pin reflects the global error flag
(fault condition) of the device (see Figure 7). This operation does not cause the
communication error bit in the global status byte to be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com