Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MM70XP Datasheet(PDF) 50 Page - STMicroelectronics

Part # L99MM70XP
Description  INH input for external CAN transceiver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MM70XP Datasheet(HTML) 50 Page - STMicroelectronics

Back Button L99MM70XP Datasheet HTML 46Page - STMicroelectronics L99MM70XP Datasheet HTML 47Page - STMicroelectronics L99MM70XP Datasheet HTML 48Page - STMicroelectronics L99MM70XP Datasheet HTML 49Page - STMicroelectronics L99MM70XP Datasheet HTML 50Page - STMicroelectronics L99MM70XP Datasheet HTML 51Page - STMicroelectronics L99MM70XP Datasheet HTML 52Page - STMicroelectronics L99MM70XP Datasheet HTML 53Page - STMicroelectronics L99MM70XP Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 68 page
background image
Electrical characteristics
L99MM70XP
50/68
Doc ID 022637 Rev 2
The maximum SPI clock frequency can be calculated as follows (see Figure 18):
tCLKQV(total) = tCLKrise(µC) + tCLKfilt(PCB) + tCLKQV(slave) + tsetup(µC)
fCLK(max) < ½ x tCLKQV(total)
Example:
tCLKQV = 25 ns + 100 ns + 250 ns + 25 ns = 400 ns
fCLK(max) < 1.25 MHz
8.12
Input PWM2 for Flash mode
The voltages are referred to ground and currents are assumed positive, when the current
flows into the pin. 6 V
 V
S  18 V; all outputs open; Tamb = -40 °C...125 °C, unless
otherwise specified.
Table 26.
Input PWM2 for Flash mode
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VflashL
Input low-level (PWM2
falling)(1)
1.
Parameter guaranteed by design.
VS = 13.5 V
6.1
7.25
8.4
V
VflashH
Input high-level (PWM2
rising)
VS = 13.5 V, VBAT-standby
mode, VCC switches on
7.4
8.4
9.4
V
VflashHYS Input voltage hysteresis(1) VS = 13.5 V
0.6
0.8
1.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com