Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6491D Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6491D
Description  Power supply unit
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6491D Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6491D Datasheet HTML 2Page - STMicroelectronics L6491D Datasheet HTML 3Page - STMicroelectronics L6491D Datasheet HTML 4Page - STMicroelectronics L6491D Datasheet HTML 5Page - STMicroelectronics L6491D Datasheet HTML 6Page - STMicroelectronics L6491D Datasheet HTML 7Page - STMicroelectronics L6491D Datasheet HTML 8Page - STMicroelectronics L6491D Datasheet HTML 9Page - STMicroelectronics L6491D Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Electrical data
L6491
6/24
DocID024832 Rev 1
4
Electrical data
4.1
Absolute maximum ratings
4.2
Thermal data
Table 4. Absolute maximum ratings(1)
1. Each voltage referred to SGND unless otherwise specified.
Symbol
Parameter
Value
Unit
Min.
Max.
VCC
Supply voltage
-0.3
21
V
VPGND
Low-side driver ground
VCC - 21
VCC + 0.3
V
Vout
Output voltage
Vboot - 21
Vboot + 0.3
V
Vboot
Bootstrap voltage
-0.3
620
V
Vhvg
High-side gate output voltage
Vout - 0.3
Vboot + 0.3
V
Vlvg
Low-side gate output voltage
PGND - 0.3
VCC + 0.3
V
Vcp-
Comparator negative input voltage(2)
2. Spikes up to 20 V can be tolerated if the duration is shorter than 50 ns (fSW = 120 kHz).
-0.3
5.5
V
Vcp+
Comparator positive input voltage(2)
-0.3
5.5
V
Vi
Logic input voltage
-0.3
15
V
VOD
Open-drain voltage
-0.3
15
V
dvout / dt Allowed output slew rate
50
V/ns
Ptot
Total power dissipation (TA = 25 °C)
1.0
W
TJ
Junction temperature
150
°C
Tstg
Storage temperature
-50
150
°C
ESD
Human body model
2
kV
Table 5. Thermal data
Symbol
Parameter
SO-14
Unit
Rth(JA)
Thermal resistance junction to ambient
120
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com