Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6491D Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6491D
Description  Power supply unit
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6491D Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6491D Datasheet HTML 3Page - STMicroelectronics L6491D Datasheet HTML 4Page - STMicroelectronics L6491D Datasheet HTML 5Page - STMicroelectronics L6491D Datasheet HTML 6Page - STMicroelectronics L6491D Datasheet HTML 7Page - STMicroelectronics L6491D Datasheet HTML 8Page - STMicroelectronics L6491D Datasheet HTML 9Page - STMicroelectronics L6491D Datasheet HTML 10Page - STMicroelectronics L6491D Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
DocID024832 Rev 1
7/24
L6491
Electrical data
24
4.3
Recommended operating conditions
Table 6. Recommended operating conditions
Symbol
Pin
Parameter
Test conditions
Min.
Max.
Unit
VCC
4
Supply voltage
10
20
V
VPS(1)
1.
VPS = VPGND - SGND.
7 - 6
Low-side driver ground
-1.5
+1.5
V
VBO(2)
2. VBO = Vboot - Vout.
14 - 12 Floating supply voltage
9.3
20
V
Vout
12
DC output voltage
- 9(3)
3. LVG off. VCC = 12.5 V. Logic is operational if Vboot > 5 V.
580
V
VCP-
9
Comparator negative
input pin voltage
VCP+ 2.5 V
5(4)
4. At least one of the comparator's inputs must be lower than 2.5 V to guarantee proper operation.
V
VCP+
10
Comparator positive
input pin voltage
VCP- 2.5 V
5(4)
V
fsw
Switching frequency
HVG, LVG load CL = 1 nF
800
kHz
TJ
Junction temperature
-40
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com