Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6491D Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6491D
Description  Power supply unit
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6491D Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6491D Datasheet HTML 4Page - STMicroelectronics L6491D Datasheet HTML 5Page - STMicroelectronics L6491D Datasheet HTML 6Page - STMicroelectronics L6491D Datasheet HTML 7Page - STMicroelectronics L6491D Datasheet HTML 8Page - STMicroelectronics L6491D Datasheet HTML 9Page - STMicroelectronics L6491D Datasheet HTML 10Page - STMicroelectronics L6491D Datasheet HTML 11Page - STMicroelectronics L6491D Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Electrical characteristics
L6491
8/24
DocID024832 Rev 1
5
Electrical characteristics
5.1
AC operation
Table 7. AC operation electrical characteristics (VCC = 15 V; PGND = SGND; TJ = +25 °C)
Symbol
Pin
Parameter
Test conditions
Min. Typ. Max. Unit
ton
1 vs. 8
3 vs 13
High/low-side driver turn-on
propagation delay
OUT = 0 V
BOOT = VCC
CL = 1 nF
Vi = 0 to 3.3 V
see Figure 3
85
120
ns
toff
High/low-side driver turn-off
propagation delay
85
120
ns
tsd
2 vs.
8, 13
Shutdown to high/low-side
driver propagation delay
85
120
ns
tisd
Comparator triggering to
high/low-side driver turn-off
propagation delay
Measured applying a voltage step from
0 V to 3.3 V to pin CP+; CP- = 0.5 V
175
220
ns
MT
Delay matching, HS and LS
turn-on/off(1)
30
ns
DT
5
Deadtime setting range
see Figure 4
RDT = 0 , CL = 1 nF
0.12 0.18 0.24
µs
RDT = 100 k, CL = 1 nF, CDT = 100 nF
1.2
1.4
1.6
µs
RDT = 200 k, CL = 1 nF, CDT = 100 nF
2.2
2.6
3
µs
MDT
Matching deadtime(2)
RDT = 0 , CL = 1 nF
50
ns
RDT = 100 k, CL = 1 nF, CDT = 100 nF
165
ns
RDT = 200 k, CL = 1 nF, CDT = 100 nF
260
ns
tr
8,13
Rise time
CL = 1 nF
15
40
ns
tf
Fall time
CL = 1 nF
15
40
ns
1. MT = max. (|ton(LVG) - toff(LVG)|, |ton(HVG) - toff(HVG)|, |toff(LVG) - ton(HVG)|, |toff(HVG) - ton(LVG)|).
2. MDT = | DTLH - DTHL | (see Figure 5 on page 14).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com