Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6491D Datasheet(PDF) 19 Page - STMicroelectronics

Part # L6491D
Description  Power supply unit
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6491D Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L6491D Datasheet HTML 15Page - STMicroelectronics L6491D Datasheet HTML 16Page - STMicroelectronics L6491D Datasheet HTML 17Page - STMicroelectronics L6491D Datasheet HTML 18Page - STMicroelectronics L6491D Datasheet HTML 19Page - STMicroelectronics L6491D Datasheet HTML 20Page - STMicroelectronics L6491D Datasheet HTML 21Page - STMicroelectronics L6491D Datasheet HTML 22Page - STMicroelectronics L6491D Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
DocID024832 Rev 1
19/24
L6491
Bootstrap driver
24
For example: using a power MOS with a total gate charge of 30 nC the drop on the
bootstrap DMOS is about 1 V, if the Tcharge is 5 s. In fact:
Equation 4
Vdrop has to be taken into account when the voltage drop on CBOOT is calculated: if this drop
is too high, or the circuit topology doesn’t allow a sufficient charging time, an external diode
can be used.
Figure 9. Bootstrap driver with external high voltage fast recovery diode
Vdrop
30nC
5
s
--------------- 175
 1V
=
TO LOAD
H.V.
HVG
LVG
CBOOT
DBOOT
BOOT
VCC
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com