Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPV1050 Datasheet(PDF) 25 Page - STMicroelectronics

Part # SPV1050
Description  Ultralow power energy harvester and battery charger
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPV1050 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button SPV1050 Datasheet HTML 21Page - STMicroelectronics SPV1050 Datasheet HTML 22Page - STMicroelectronics SPV1050 Datasheet HTML 23Page - STMicroelectronics SPV1050 Datasheet HTML 24Page - STMicroelectronics SPV1050 Datasheet HTML 25Page - STMicroelectronics SPV1050 Datasheet HTML 26Page - STMicroelectronics SPV1050 Datasheet HTML 27Page - STMicroelectronics SPV1050 Datasheet HTML 28Page - STMicroelectronics SPV1050 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
DocID025569 Rev 4
25/36
SPV1050
Functional description
36
MPPRATIO = R3 / (R2 + R3)
In boost mode if the electrical characteristics of the selected source and battery are such
that VOC-MAX  VUVP(min), then the resistor R1 can be replaced by a short-circuit.
Consequently, only R2 and R3 have to be selected for a proper setting of MPPRATIO.
In a PV panel the VMPP is typically within 70% ÷ 80% of VOC.
In a TEG the VMPP is typically about 50% of VOC.
The MPPT accuracy can be strongly affected by an improper selection of the input
capacitor. The input capacitance CIN = 4.7 F generally covers the most typical use cases.
The energy extracted from the harvested source, and stored in the input capacitance, is
transferred to the load by the DC-DC converter through the inductor. The energy extracted
by the inductor depends by the sink current: the higher input currents cause higher voltage
drop on the input capacitance and this may result a problem for low voltage (< 1 V) and high
energy (> 20 mA) sources. In such application cases the input capacitance has to be
increased or, alternatively the L1 inductance has to be reduced.
During the TSAMPLE time frame the input capacitor CIN is charged up to VOC by the source
with a T1 time constant resulting from the capacitance and the equivalent resistance REQ of
the source.
In case of the PV source, assuming IMPP the minimum current at which the MPP must be
guaranteed, the REQ can be calculated as following:
Equation 8
REQ = (VOC - VMPP) / IMPP = VOC • (1 - MPPRATIO) / IMPP
Thus CIN is calculated by the following formula:
Equation 9
CIN T1 /REQ
The following plots in Figure 20 and Figure 21 show the effect of different CIN values on the
time constant. If the capacitance is too high, the capacitor may not be charged within the
TSAMPLE = 400 ms time window, thus affecting the MPPT accuracy.
Figure 20. Energy harvester equivalent circuit
Figure 21. Voltage vs. time at different C values
and fixed current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com