Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPV1050 Datasheet(PDF) 33 Page - STMicroelectronics

Part # SPV1050
Description  Ultralow power energy harvester and battery charger
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPV1050 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button SPV1050 Datasheet HTML 28Page - STMicroelectronics SPV1050 Datasheet HTML 29Page - STMicroelectronics SPV1050 Datasheet HTML 30Page - STMicroelectronics SPV1050 Datasheet HTML 31Page - STMicroelectronics SPV1050 Datasheet HTML 32Page - STMicroelectronics SPV1050 Datasheet HTML 33Page - STMicroelectronics SPV1050 Datasheet HTML 34Page - STMicroelectronics SPV1050 Datasheet HTML 35Page - STMicroelectronics SPV1050 Datasheet HTML 36Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
DocID025569 Rev 4
33/36
SPV1050
Application tips
36
Appendix A
Application tips
In DC-DC converters the energy is transferred from the input to the output through the
inductor. During the ON phase of the duty cycle, the inductor stores energy while during the
OFF phase of the duty cycle, the energy is released toward the output stage.
Figure 26. Inductor current and input voltage waveforms
The SPV1050 controls the duty cycle of the driving signal by comparing the voltages on the
MPP and MPP-REF pins. When VMPP rises higher than VMPP-REF, the IC switches ON and
the inductor is loaded for TON until one of the following events occurs:
–VSTORE triggers the EOC threshold
–
The inductor current (IL) triggers the internal threshold IL(PEAK) (= 140 mA, typ.)
–TON(MAX) = 10 µs elapses
The energy stored in the inductor will be released to the output stage during the OFF phase.
During TOFF, IL decreases to 0 mA (all energy has been released). According to the internal
controls of the IC, TOFF(MIN) = 0.2 µs then, in order to prevent IL becoming negative, the
application must be designed such that the energy stored in the inductor during TON is
always greater or equal to the energy released during TOFF. This goal can be achieved
through the proper selection of R2 + R3. Thus, in order to guarantee IL(MIN) > 0, it must be:
Equation 10
ILMIN

IH
VSTORE VIN
–
L
-------------------------------------------
TOFF MIN
 0
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com