Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPV1050 Datasheet(PDF) 26 Page - STMicroelectronics

Part # SPV1050
Description  Ultralow power energy harvester and battery charger
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPV1050 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button SPV1050 Datasheet HTML 22Page - STMicroelectronics SPV1050 Datasheet HTML 23Page - STMicroelectronics SPV1050 Datasheet HTML 24Page - STMicroelectronics SPV1050 Datasheet HTML 25Page - STMicroelectronics SPV1050 Datasheet HTML 26Page - STMicroelectronics SPV1050 Datasheet HTML 27Page - STMicroelectronics SPV1050 Datasheet HTML 28Page - STMicroelectronics SPV1050 Datasheet HTML 29Page - STMicroelectronics SPV1050 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
Functional description
SPV1050
26/36
DocID025569 Rev 4
6.5
Power manager
The SPV1050 device works as a power manager also by providing one unregulated output
voltage on the STORE pin and two regulated voltages on the LDO1 (1.8 V) and LDO2
(3.3 V) pins.
Each LDO can be selectively enabled or disabled by driving the related enable/disable pins
LDO1_EN and LDO2_EN.
The performances of the LDOs can be optimized by selecting a proper capacitor between
the LDO output pin and ground. A 100 nF for each LDO pin is suitable for the most typical
use cases. Figure 22 and Figure 23 show the behavior of the LDOs when a 100 mA load is
connected.
Figure 22. LDO1 turn on with 100 mA load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com