Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPV1050 Datasheet(PDF) 29 Page - STMicroelectronics

Part # SPV1050
Description  Ultralow power energy harvester and battery charger
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPV1050 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button SPV1050 Datasheet HTML 25Page - STMicroelectronics SPV1050 Datasheet HTML 26Page - STMicroelectronics SPV1050 Datasheet HTML 27Page - STMicroelectronics SPV1050 Datasheet HTML 28Page - STMicroelectronics SPV1050 Datasheet HTML 29Page - STMicroelectronics SPV1050 Datasheet HTML 30Page - STMicroelectronics SPV1050 Datasheet HTML 31Page - STMicroelectronics SPV1050 Datasheet HTML 32Page - STMicroelectronics SPV1050 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
DocID025569 Rev 4
29/36
SPV1050
Package information
36
Table 5. VFQFPN20 3 x 3 x 1 mm - 20-lead pitch 0.4 package mechanical data
Symbol
Dimensions (mm)
Min.
Typ.
Max.
Note
A
0.80
0.90
1.00
(1)
1. “VFQFPN” stands for “Thermally Enhanced Very thin Fine pitch Quad Packages No lead”.
Very thin: 0.80 < A
 1.00 mm / fine pitch: e < 1.00 mm.
A1
0.02
0.05
A2
0.65
1.00
A3
0.20
b
0.15
0.20
0.25
D
2.85
3.00
3.15
D1
1.60
D2
1.50
1.60
1.70
E
2.85
3.00
3.15
E1
1.60
E2
1.50
1.60
1.70
e
0.35
0.40
0.45
L
0.30
0.40
0.50
ddd
0.07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com