Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6700 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STM6700
Description  Immune to power supply transients
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6700 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STM6700 Datasheet HTML 8Page - STMicroelectronics STM6700 Datasheet HTML 9Page - STMicroelectronics STM6700 Datasheet HTML 10Page - STMicroelectronics STM6700 Datasheet HTML 11Page - STMicroelectronics STM6700 Datasheet HTML 12Page - STMicroelectronics STM6700 Datasheet HTML 13Page - STMicroelectronics STM6700 Datasheet HTML 14Page - STMicroelectronics STM6700 Datasheet HTML 15Page - STMicroelectronics STM6700 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
DC and AC parameters
STM6700, STM6710
12/20
DocID16887 Rev 3
6
DC and AC parameters
This section summarizes the DC and AC characteristics of the device. The parameters in
Table 5 are derived from tests performed under the test conditions. Designers should check
that the operating conditions in their circuit match the operating conditions when relying on
the quoted parameters.
Table 4. Operating and AC measurement conditions
Parameter
Conditions
Unit
V2IN supply voltage (TA = 0 to T_max °C)
1.0 to 5.5
V
V2IN supply voltage (TA = -40 to T_max °C)
1.2 to 5.5
VCC supply voltage (for STM6700 and STM6710Q)
2.0 to 5.5
Ambient operating temperature (TA)
-40 to 105
°C
Table 5. DC and AC characteristics
Alt.
Symbol
Parameter
Test conditions
Min.
Typ.(1)
Max.
Unit
VCC
V2IN
Operating voltage
TA = 0 to T_max °C
1.0
5.5
V
TA = –40 to T_max °C
1.2
5.5
VCC
STM6700 and
STM6710Q
2.0
5.5
IxIN
Input current
VxIN nominal input voltage
(1.8 V, 2.5 V, 5.0 V supplies)
25
40
µA
V2IN = nominal input voltage
for 3.0 V and 3.3 V supplies
55
115
V1IN = 0 to 0.85 V
(for adjustable thresholds)
0.4
V3IN, V4IN = 0 to 0.85 V
(for adjustable thresholds)
0.2
ICC
I2N
I2N input current
STM6700 and STM6710Q only
VCC = 5.5 V
35
50
µA
Voltage thresholds
Vrst
VTH
VxIN falling
5 V (–5 %)
4.500
4.630
4.750
V
5 V (–10 %)
4.250
4.380
4.450
3.3 V (–5 %)
3.000
3.080
3.150
3.3 V (–10 %)
2.850
2.930
3.000
3.0 V (–5 %)
2.700
2.780
2.850
3.0 V (–10 %)
2.550
2.630
2.70
2.5 V (–5 %)
2.250
2.320
2.380
2.5 V (–10 %)
2.130
2.190
2.250
1.8 V (–5 %)
1.620
1.670
1.710



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com