Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6700 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM6700
Description  Immune to power supply transients
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6700 Datasheet(HTML) 1 Page - STMicroelectronics

  STM6700 Datasheet HTML 1Page - STMicroelectronics STM6700 Datasheet HTML 2Page - STMicroelectronics STM6700 Datasheet HTML 3Page - STMicroelectronics STM6700 Datasheet HTML 4Page - STMicroelectronics STM6700 Datasheet HTML 5Page - STMicroelectronics STM6700 Datasheet HTML 6Page - STMicroelectronics STM6700 Datasheet HTML 7Page - STMicroelectronics STM6700 Datasheet HTML 8Page - STMicroelectronics STM6700 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
This is information on a product in full production.
February 2015
DocID16887 Rev 3
1/20
STM6700, STM6710
Low-voltage, high-accuracy, triple/quad voltage microprocessor
supervisory circuit in SOT package
Datasheet
- production data
Features
• Accurate monitoring of up to four supply
voltages
• Precision factory set reset threshold options for
1.8 V, 2.5 V, 3.0 V, 3.3 V and 5.0 V
• Adjustable input threshold voltage = 0.62 V
with 1.5 % accuracy
• Low power consumption (< 35 µA)
• Reset timeout period 200 ms (typ.) - STM6710
• 5 µs propagation delay - STM6700
• Open drain RESET output with a weak pull-up
(10 µA)
• RESET - active low - valid to V1IN = 1 V or
V2IN = 1 V
• Immune to power supply transients
• Small 6-pin SOT23 package
• RoHS compliant
Applications
• Telecommunications
• Set-top boxes
• Networking equipment
• Server/workstations
• Desktop and notebook computers
• Data storage equipment
SOT23-6 (WB)
Table 1. Device summary
Order code
V1IN
(V)
V2IN
(V)
V3IN
(V)
V4IN
(V)
Power supply
tolerance
Temperature
range
Package
STM6710DWB6F
5
3.3
1.8
Adj.
5%
-40 to 85 °C
SOT23-6
STM6710FWB6F
Adj.
2.5
1.8
STM6710FWB7F
-40 to 105 °C
STM6710KWB6F
1.8
Adj.
10%
-40 to 85 °C
STM6710LWB6F
5%
www.st.com


Similar Part No. - STM6700

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STM6708 SAMHOP-STM6708 Datasheet
126Kb / 8P
Super high dense cell design for low RDS(ON).
More results

Similar Description - STM6700

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX7001 MICROSEMI-LX7001 Datasheet
137Kb / 9P
TRANSIENT IMMUNE UNDERVOLTAGE SENSING CIRCUIT
logo
Omron Electronics LLC
E2EZ-X8D1-N OMRON-E2EZ-X8D1-N Datasheet
661Kb / 9P
Chip-immune Inductive Proximity Sensor
E2EZ-X4D1-R OMRON-E2EZ-X4D1-R Datasheet
840Kb / 9P
Chip-immune Inductive Proximity Sensor
logo
Contrinex AG Industrial...
DW-AS-713-M12-967 CONTRINEX-DW-AS-713-M12-967 Datasheet
281Kb / 6P
INDUCTIVE SENSOR CHIP IMMUNE
DW-AS-713-M18-967 CONTRINEX-DW-AS-713-M18-967 Datasheet
301Kb / 6P
INDUCTIVE SENSOR CHIP IMMUNE
DW-AS-713-M30-967 CONTRINEX-DW-AS-713-M30-967 Datasheet
336Kb / 6P
INDUCTIVE SENSOR CHIP IMMUNE
logo
Maxim Integrated Produc...
MAX16920BEVKIT MAXIM-MAX16920BEVKIT Datasheet
1Mb / 9P
5.5V to 18V Input Range, Survives 45V Transients
Rev 0; 1/11
MAX20745EVKIT MAXIM-MAX20745EVKIT Datasheet
798Kb / 10P
4.5V to 16V power supply
Rev 0; 10/15
MAX20734EVKIT MAXIM-MAX20734EVKIT Datasheet
877Kb / 10P
4.5V to 16V power supply
Rev 0; 8/16
MAX20730EVKIT MAXIM-MAX20730EVKIT Datasheet
820Kb / 10P
4.5V to 16V power supply
Rev 0; 10/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com