Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6700 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STM6700
Description  Immune to power supply transients
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6700 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STM6700 Datasheet HTML 9Page - STMicroelectronics STM6700 Datasheet HTML 10Page - STMicroelectronics STM6700 Datasheet HTML 11Page - STMicroelectronics STM6700 Datasheet HTML 12Page - STMicroelectronics STM6700 Datasheet HTML 13Page - STMicroelectronics STM6700 Datasheet HTML 14Page - STMicroelectronics STM6700 Datasheet HTML 15Page - STMicroelectronics STM6700 Datasheet HTML 16Page - STMicroelectronics STM6700 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
DocID16887 Rev 3
13/20
STM6700, STM6710
DC and AC parameters
20
Vrst
VTH
VxIN falling
1.8 V (–10 %)
1.530
1.580
1.620
V
Vrstxin
VREF
V1IN, V2IN, V3IN,
V4IN adj. reset
threshold voltage
VxIN decreasing
0.611
0.620
0.629
VHYST
Hysteresis of VTH
0.3
% VTH
TCVTH
Reset threshold
temperature
coefficient
60
ppm/°C
Reset
tRD
tRPD
VTH to reset
asserted delay
VxIN falling at 10 mV/µs from VTH
to (VTH –50 mV)
30
µs
tRP
tREC
Reset timeout
delay
STM6710
140
200
280
ms
tPD
Propagation delay
STM6700 only
5
µs
VOL
RESET output low
V2IN, VCC = 5 V, ISINK = 2 mA
0.3
V
V2IN, VCC = 2.5 V, ISINK = 1.2 mA
0.4
V2IN = 1.0 V, ISINK = 50 µA,
TA = 0 to T_max °C
0.3
VOH
RESET output
high
VCC ³ 2.0 V, ISOURCE = 6 µA, RESET
deasserted (STM6700)
0.8 x
VCC
VCC ³ VTH, ISOURCE = –6 µA, RESET
deasserted
0.8 x
V2IN
IOH
RESET output
high source
current
V2IN ³ 2.0 V, RESET deasserted
10
µA
1. V2IN = 1 V to 5.5 V, TA = –40 to T_max °C, unless otherwise stated. Typical values are at V2IN = 3.0 V to 3.3 V,
TA = +25 °C. T_max = 85 °C or 105 °C depending on the product version.
Table 5. DC and AC characteristics (continued)
Alt.
Symbol
Parameter
Test conditions
Min.
Typ.(1)
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com