Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6700 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STM6700
Description  Immune to power supply transients
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6700 Datasheet(HTML) 3 Page - STMicroelectronics

  STM6700 Datasheet HTML 1Page - STMicroelectronics STM6700 Datasheet HTML 2Page - STMicroelectronics STM6700 Datasheet HTML 3Page - STMicroelectronics STM6700 Datasheet HTML 4Page - STMicroelectronics STM6700 Datasheet HTML 5Page - STMicroelectronics STM6700 Datasheet HTML 6Page - STMicroelectronics STM6700 Datasheet HTML 7Page - STMicroelectronics STM6700 Datasheet HTML 8Page - STMicroelectronics STM6700 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
DocID16887 Rev 3
3/20
STM6700, STM6710
Description
20
1
Description
The STM6710 is a precision voltage monitoring supervisor with the capability to monitor
triple/quad voltages and combine competitive reset threshold accuracy with low power
consumption.
Factory-trimmed reset threshold options for monitoring 5.0 V, 3.3 V, 2.5 V and 1.8 V supplies
with –5 % and –10 % tolerances are available.
If a monitored supply voltage input falls below the minimum voltage threshold, a single
active low output is asserted, triggering a system reset.
This device can be configured to support an external manual reset input using minimal
external components.
Monitoring up to four different voltages in a small 6-lead SOT23 package, the STM6710
devices can help to lower system cost, reduce board space requirements, and increase the
reliability of multi-voltage systems.
Low VCC detection circuitry protects the user's system from low voltage conditions, resetting
the system when VCC or any of the other monitored power supply voltages fall below their
respective minimum voltage thresholds. The reset signal remains asserted until all of these
voltages return to proper operating levels and stabilize.
STM6710 includes internally fixed monitoring voltages for 5.0 V, 3.3 V, 3.0 V, 2.5 V and 1.8
V supplies with –5 % and –10 % tolerances.
This device functions as a triple monitoring voltage supervisor (STM6700) when V2IN is
used as VCC.
The output is open drain with a weak internal pull-up to the monitored V2IN supply (or VCC
in the case of STM6710Q) of typically 10 µA. Once all voltages rise above the selected
threshold level, the STM6710 reset signal remains low for the reset timeout period of
200 ms (typical). The STM6700 acts as a voltage detector with a propagation delay of 5 µs
after all monitored voltages exceed their thresholds.
The STM6710 output remains valid as long as V1IN or V2IN exceeds 1 V. For the STM6700
and STM6710 the condition is to have VCC above 2 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com