Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STNRGPF01TR Datasheet(PDF) 20 Page - STMicroelectronics

Part # STNRGPF01TR
Description  Inrush current control
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STNRGPF01TR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STNRGPF01TR Datasheet HTML 16Page - STMicroelectronics STNRGPF01TR Datasheet HTML 17Page - STMicroelectronics STNRGPF01TR Datasheet HTML 18Page - STMicroelectronics STNRGPF01TR Datasheet HTML 19Page - STMicroelectronics STNRGPF01TR Datasheet HTML 20Page - STMicroelectronics STNRGPF01TR Datasheet HTML 21Page - STMicroelectronics STNRGPF01TR Datasheet HTML 22Page - STMicroelectronics STNRGPF01TR Datasheet HTML 23Page - STMicroelectronics STNRGPF01TR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
Pinout and pin description
STNRGPF01
20/40
DocID030377 Rev 2
19
OP
SIN_REF
This pin generates a PWM signal with the sinusoidal duty cycle. This PWM signal
must be filtered in order to have the current sinusoidal reference that is synchronized
with input voltage mains.
20
O
FAN
It generates a CMOS/TTL signal that is low until the PFC output power is below a
threshold defined during device customization.
21
O
RELAY
It generates a CMOS/TTL signal. This signal becomes high after a settable time
defined during device customization. It is useful to perform the inrush current limiter
function.
22
O
PTX
Programming data transmit
23
I
PRX
Programming data receive
24
AI
OUT_PI[3]
Positive input of the internal analog comparator 3. It receives the out of the analog PI
current.
25
AI
OUT_PI[2]
Positive input of the internal analog comparator 3. It receives the out of the analog PI
current.
26
AI
TRIANG
REF
Negative input analog comparators 3 and 2. It receives the voltage triangular
waveform.
27
AI
OCP[0]
Input overcurrent protection
28
AI
OCP[1]
Inductor overcurrent protection
29
PS
VDDA
Analog supply voltage
30
PS
VSSA
Analog ground
31
MI
VIN
This pin measures the RMS input voltage.
32
MI
TEMP
This pin measures the ambient board temperature. This measurement is performed
using the STLM20 device, which gives an output voltage proportional to temperature.
33
MI
IOUT
This pin measures the PFC output current.
34
MI
VOUT
This pin measures the PFC output voltage.
35
RI
RI[1]
Reserved. This pin must be pulled down by means a 10 k
 resistor.
36
RI
RI[2]
Reserved. This pin must be pulled down by means a 10 k
 resistor.
37
RI
RI[3]
Reserved. This pin must be pulled down by means a 10 k
 resistor.
38
RI
RI[4]
Reserved. This pin must be pulled down by means a 10 k
 resistor.
1. In Table 3 a legend describing pin type is provided.
Table 2. Pin description (continued)
No. Type(1)
Name
Pin description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com