Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STNRGPF01TR Datasheet(PDF) 28 Page - STMicroelectronics

Part # STNRGPF01TR
Description  Inrush current control
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STNRGPF01TR Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STNRGPF01TR Datasheet HTML 24Page - STMicroelectronics STNRGPF01TR Datasheet HTML 25Page - STMicroelectronics STNRGPF01TR Datasheet HTML 26Page - STMicroelectronics STNRGPF01TR Datasheet HTML 27Page - STMicroelectronics STNRGPF01TR Datasheet HTML 28Page - STMicroelectronics STNRGPF01TR Datasheet HTML 29Page - STMicroelectronics STNRGPF01TR Datasheet HTML 30Page - STMicroelectronics STNRGPF01TR Datasheet HTML 31Page - STMicroelectronics STNRGPF01TR Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
Electrical characteristics
STNRGPF01
28/40
DocID030377 Rev 2
5.3.5
I/O port pin characteristics
Subject to general operating conditions for VDD and TA unless otherwise specified. Unused
input pins should not be left floating.
Table 11. Voltage DC characteristics
Symbol
Description
Min.(1)
1. Data based on characterization result, not tested in production.
Typ.
Max.(1)
Unit
VIL
Input low voltage
-0.3
-
0.3 x VDD
V
VIH
Input high voltage(2)
2. Input signals can't be exceeded VDDX (VDDX = VDD, VDDA).
0.7 x VDD
-VDD
VOL1
Output low voltage at 5 V(3), (4)
3. The parameter applicable to signals on pins 14, 15, 20, 21, 22 and 23.
4. The parameter applicable to signals on pins 1, 4, 5, 8 16 and 19.
--
0.5
VOL3
Output low voltage high sink at 5 V(2), (5)
5. The parameter applicable to the signal on pin 2.
--
0.6
VOH1
Output high voltage at 5 V(3), (4)
VDD - 0.5
-
-
VOH3
Output high voltage high sink at 5 V(2), (5)
VDD - 0.6
-
-
HVS
Hysteresis input voltage(6)
6.
Applicable to pins 3, 6, 7, 17 and 18.
0.1 x VDD
--
RPU
Pull-up resistor
30
45
60
k
Table 12. Current DC characteristics
Symbol
Description
Min.
Typ. Max.(1)
1. Data based on characterization result, not tested in production.
Unit
IOL1
Standard output low level current at 5 V and VOL1(2), (3)
2. The parameter applicable to signals on pins 14, 15, 20, 21, 22 and 23.
3. The parameter applicable to signals on pins1, 4, 5, 8 16 and 19.
--
3
mA
IOLhs1 High sink output low level current at 5 V and VOL3(2), (4)
4. The parameter applicable to the signal on pin 2.
-
-
7.75
IOH1
Standard output high level current at 5 V and VOH1(2), (3)
--
3
IOHhs1 High sink output high level current at 5 V and VOH3(2), (4)
-
-
7.75
ILKg
Input leakage current digital - analog VSS ≤ VIN ≤ VDD(5)
5. Applicable to pins 3, 6, 7, 17 and 18.
--
± 1
µA
I_Inj
Injection current(6), (7)
6. Maximum value must never be exceeded.
7. Negative injection current on pins 31, 32, 33 and 34 must be avoided. It has impact on the measurement
section.
--
± 4
mA
I_Inj
Total injection current sum of all I/O and control pins)(6)
--
± 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com