Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STNRGPF01TR Datasheet(PDF) 22 Page - STMicroelectronics

Part # STNRGPF01TR
Description  Inrush current control
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STNRGPF01TR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STNRGPF01TR Datasheet HTML 18Page - STMicroelectronics STNRGPF01TR Datasheet HTML 19Page - STMicroelectronics STNRGPF01TR Datasheet HTML 20Page - STMicroelectronics STNRGPF01TR Datasheet HTML 21Page - STMicroelectronics STNRGPF01TR Datasheet HTML 22Page - STMicroelectronics STNRGPF01TR Datasheet HTML 23Page - STMicroelectronics STNRGPF01TR Datasheet HTML 24Page - STMicroelectronics STNRGPF01TR Datasheet HTML 25Page - STMicroelectronics STNRGPF01TR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
Electrical characteristics
STNRGPF01
22/40
DocID030377 Rev 2
5
Electrical characteristics
5.1
Parameter conditions
Unless otherwise specified, all voltages are referred to VSS. VDDA and VDD must be
connected to the same voltage value. VSS and VSSA must be connected together with the
shortest wire loop.
5.1.1
Minimum and maximum values
Unless otherwise specified, the minimum and maximum values are guaranteed in the worst
conditions of ambient temperature, supply voltage and frequencies by tests in production on
100% of the devices with the ambient temperature at TA = 25 °C and TA = TA max. (given by
the selected temperature range).
Data based on characterization results, design simulation and/or technology characteristics
are indicated according to each table specific notes and are not tested in production.
5.1.2
Typical values
Unless otherwise specified, typical data are based on TA = 25 °C, VDD and VDDA = 3.3 V.
They are given only as design guidelines and are not tested. For the measurement section
the accuracy is determined by characterization of a batch of samples from a standard
diffusion lot over the full temperature range.
5.1.3
Typical curves
Unless otherwise specified, all typical curves are given as design guidelines only and are
not tested.
5.1.4
Typical current consumption
For typical current consumption measurements, VDD and VDDA are connected as shown in
Figure 14.
Figure 14. Supply current measurement conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com