Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STNRGPF01TR Datasheet(PDF) 25 Page - STMicroelectronics

Part # STNRGPF01TR
Description  Inrush current control
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STNRGPF01TR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STNRGPF01TR Datasheet HTML 21Page - STMicroelectronics STNRGPF01TR Datasheet HTML 22Page - STMicroelectronics STNRGPF01TR Datasheet HTML 23Page - STMicroelectronics STNRGPF01TR Datasheet HTML 24Page - STMicroelectronics STNRGPF01TR Datasheet HTML 25Page - STMicroelectronics STNRGPF01TR Datasheet HTML 26Page - STMicroelectronics STNRGPF01TR Datasheet HTML 27Page - STMicroelectronics STNRGPF01TR Datasheet HTML 28Page - STMicroelectronics STNRGPF01TR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
DocID030377 Rev 2
25/40
STNRGPF01
Electrical characteristics
40
5.3
Operating conditions
The device must be used in operating conditions that respect the parameters listed in
Table 7. In addition, a full account must be taken for all physical capacitor characteristics
and tolerances.
Table 7. General operating conditions
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VDD1, VDDA1 Operating voltages
-
3
-
5.5
V
VDD, VDDA Nominal operating voltages
-
-
5
-
VCOUT
Core digital power supply
-
-
1.8(1)
1. Internal core power supply voltage.
-
CVCOUT: capacitance of
external capacitor(2)
2. Care should be taken when the capacitor is selected due to its tolerance, its dependency on temperature,
DC bias and frequency.
at 1 MHz
470
-
3300
nF
ESR of external capacitor(1)
0.05
-
0.2
ESL of external capacitor(1)
--
15
nH
JA
(3)
3. To calculate PDmax (TA), use the formula PDmax = (TJmax - TA)/JA.
FR4 multilayer PCB
TSSOP38
-
80
-
°C/W
TA
Ambient temperature
Pd = 100 mW
-40
-
105
°C
Table 8. Operating conditions at power-up/power-down
Symbol
Parameter
Conditions Min.(1)
1. Guaranteed by design, not tested in production.
Typ. Max.(1) Unit
tVDD
VDD rise time rate
-
2 µs/V
-
1 s/V(2)
2. The power supply ramp must be monotone.
VDD fall time rate
-
2 µs/V
-
1 s/V(2)
tTEMP
Reset release delay
VDD rising
-
3
-
ms
VIT+
Power-on reset threshold
-
2.65
2.8
2.98
V
VIT-
Brownout reset threshold
-
2.58
2.73
2.88
VHYS(BOR) Brownout reset hysteresis
-
-
70
-
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com