Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC14402 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC14402
Description  Complete Baseband Processor for DECT Handsets
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC14402 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  SC14402 Datasheet HTML 1Page - National Semiconductor (TI) SC14402 Datasheet HTML 2Page - National Semiconductor (TI) SC14402 Datasheet HTML 3Page - National Semiconductor (TI) SC14402 Datasheet HTML 4Page - National Semiconductor (TI) SC14402 Datasheet HTML 5Page - National Semiconductor (TI) SC14402 Datasheet HTML 6Page - National Semiconductor (TI) SC14402 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Copyright 1998 National Semiconductor Corp.
4
www.national.com
2.0 Pin Description
Table 1:
Pin Description
PIN NAME
TYPE
DESCRIPTION
SCLK
1
5
OUTPUT (slope controlled). CR16A bus interface System CLocK output.
Vdd
2
Digital supply voltage
Vss
3
Digital ground.
PD7..0
4-11
5
TRI-STATE OUTPUT. Power Down pins 7 to 0. PD7,6 have 12 mA drive.
RFCLK
12
5b
OUTPUT (Slope controlled). 10 MHz clock output. Logic ‘0’ after reset or when dis-
abled.
MEN1n
13
5
OUTPUT. Load Enable. Can be synchronized to LKD input
SO
14
1
TRI-STATE OUTPUT. Serial data output.
SK
15
5
OUTPUT. Serial interface clock: 1.152 MHz
LKD
16
1
INPUT. LocK Detect input for synchronisation purposes.
RDI
17
analog
INPUT. Received Data. It is programmable to invert this input.
CMPREF
18
analog
INPUT. Comparator reference level. Internally a six bit DAC can be connected to
this pin to compensate for DC offsets.
RSSI
19
analog
INPUT. 6-bit ADC input with peak hold circuitry. Activated on PD0 = low. If PD0 =
high the RSSI input will be discharged to ground.
AVD
20
Analog supply voltage
AVS
21
Analog ground
TDO
22
5/analog
TRI-STATE OUTPUT. Transmit Data. Can be programmed to be inverted.
P0[0] or
UTX
23
2
INPUT/OUTPUT with selectable pull up resistor. General purpose memory
mapped I/O port bit. UART data output.
P0[1] or
URX
24
3
INPUT/OUTPUT with selectable pull down resistor. General purpose memory
mapped I/O port bit. UART data input.
P0[2]
25
2
INPUT/OUTPUT with selectable pull up resistor. General purpose memory
mapped I/O port bit. Can be switched to ADPCM/CODEC testpoints.
P0[3]
26
2
INPUT/OUTPUT with selectable pull up resistor. General purpose memory
mapped I/O port bit.Can be switched to ADPCM/CODEC testpoints.
P0[4]
27
2
INPUT/OUTPUT with selectable pull up resistor. General purpose memory
mapped I/O port bit. Can be switched to ADPCM/CODEC testpoints.
P0[5]
28
3
INPUT/OUTPUT with selectable pull down resistor. General purpose memory
mapped I/O port bit. Can be switched to ADPCM/CODEC testpoints.
P0[6]
29
3
INPUT/OUTPUT with selectable pull down resistor. General purpose memory
mapped I/O port bit. Can be switched to ADPCM/CODEC testpoints.
P0[7]
30
2
INPUT/OUTPUT with selectable pull up resistor. General purpose memory
mapped I/O port bit. Can be switched to ADPCM/CODEC testpoints.
P1[0]
31
2
INPUT/OUTPUT with selectable pull up resistor and 12 mA drive current. General
purpose memory mapped I/O port bit. Can be programmed to generate an internal
interrupt.
P1[1]
32
2
INPUT/OUTPUT with selectable pull up resistor and 12 mA drive current. General
purpose memory mapped I/O port bit. Can be programmed to generate an internal
interrupt.
P1[2]
33
2
INPUT/OUTPUT with selectable pull up resistor and 12 mA drive current. General
purpose memory mapped I/O port bit. Can be programmed to generate an internal
interrupt.
P1[3]
34
2
INPUT/OUTPUT with selectable pull up resistor and 12 mA drive current. General
purpose memory mapped I/O port bit. Can be programmed to generate an internal
interrupt.
P1[4]
35
2
INPUT/OUTPUT with selectable pull up resistor and 12 mA drive current. General
purpose memory mapped I/O port bit. Can be programmed to generate an internal
interrupt.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com