Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC14402 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC14402
Description  Complete Baseband Processor for DECT Handsets
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC14402 Datasheet(HTML) 6 Page - National Semiconductor (TI)

  SC14402 Datasheet HTML 1Page - National Semiconductor (TI) SC14402 Datasheet HTML 2Page - National Semiconductor (TI) SC14402 Datasheet HTML 3Page - National Semiconductor (TI) SC14402 Datasheet HTML 4Page - National Semiconductor (TI) SC14402 Datasheet HTML 5Page - National Semiconductor (TI) SC14402 Datasheet HTML 6Page - National Semiconductor (TI) SC14402 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Copyright 1998 National Semiconductor Corp.
6
www.national.com
NOTE: All digital outputs can sink/source 2 mA unless
otherwise specified. All digital inputs are Schmitt trig-
ger types. After reset all I/Os are set to input and all
pull-up or pull-down resistors are enabled. The p0[1]
will be pulled down at start-up.
ACSn
70
5
OUTPUT. Auxiliary Chip Select not. This signal becomes low if the address range
is within the programmed address range.
AD3..0
71-74
1b
OUTPUT. ADdress bit 3 to 0. In the HOLD mode these pins are input.
DAB7..0
82-75
1b
INPUT/OUTPUT (Slope controlled) Data bus bit 7..0
RCSn
83
5b
OUTPUT. ROM Chip Select not output. Low active if none of the internal peripher-
als or the ACSn is addressed.
AD10
84
1b
OUTPUT. Address bit 10. In the HOLD mode these pins are input.
RDn
85
1b
OUTPUT. Active low read. In the HOLD mode this pin is input.
AD11
86
1b
OUTPUT. Address bit 11. In the HOLD mode these pins are input.
AD9
87
1b
OUTPUT. Address bit 9. In the HOLD mode these pins are input.
AD8
88
1b
OUTPUT. Address bit 8. In the HOLD mode these pins are input.
AD13
89
1b
OUTPUT. Address bit 13. In the HOLD mode these pins are input
AD14
90
1b
OUTPUT. Address bit 14. In the HOLD mode these pins are input.
MI/AD17
91
5b
OUTPUT. Masked Interrupt output (HOLD mode only) or Address bit 17.
WRn
92
1b
OUTPUT. Active low write signal. In the HOLD mode this pin is input.
AD16,15, 12
93-95
1b
OUTPUT. Address bit 16,15 & 12. In the HOLD mode these pins are input.
AD7-4
96-99
1b
OUTPUT. Address bit 7 to 4. In the HOLD mode these pins are input.
CLKOUT
100
1b
OUTPUT. Fixed bit clock output (1.152Mhz). Synchronized to the DECT bit clock.
Will be logic ‘0’ if the DECT Dedicated Instruction Processor (DiP) is frozen or
reset.
Table 1:
Pin Description
PIN NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com