Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC14402 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC14402
Description  Complete Baseband Processor for DECT Handsets
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC14402 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  SC14402 Datasheet HTML 1Page - National Semiconductor (TI) SC14402 Datasheet HTML 2Page - National Semiconductor (TI) SC14402 Datasheet HTML 3Page - National Semiconductor (TI) SC14402 Datasheet HTML 4Page - National Semiconductor (TI) SC14402 Datasheet HTML 5Page - National Semiconductor (TI) SC14402 Datasheet HTML 6Page - National Semiconductor (TI) SC14402 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Copyright 1998 National Semiconductor Corp.
5
www.national.com
P1[5]
36
2
INPUT/OUTPUT with selectable pull up resistor and 12 mA drive current. General
purpose memory mapped I/O port bit. Can be programmed to generate an internal
interrupt.
P1[6]
37
2
INPUT/OUTPUT with selectable pull up resistor and 12 mA drive current. General
purpose memory mapped I/O port. Can be programmed to generate an internal
interrupt.
P1[7]
38
4
INPUT/OUTPUT with open drain with 12 mA sink capability. Can be used to control
a LED connected to Vbat. Can be programmed to generate an internal interrupt.
VDD
39
Digital supply voltage
VSS
40
Digital ground
P2[0] or
PWM
41
4
INPUT/OUTPUT with open drain with 100mA sink capability. This pin can be con-
figured as single ended buzzer driver with Pulse Width Modulated (PWM) output.
Can also be used for battery charge control.
P2[1] or
Buzzer+
42
1
INPUT/OUTPUT. General purpose memory mapped I/O port bit. P2[1,2] can be
configured as complementary PWM output for e.g. buzzer control. P2[1,2] can
drive 12 mA.
P2[2] or
Buzzer-
43
1
INPUT/OUTPUT. General purpose memory mapped I/O port bit. P2[1,2] can be
configured as complementary PWM output for e.g. buzzer control. P2[1,2] can
drive 12 mA.
P2[3]
44
1
INPUT/OUTPUT. General purpose memory mapped I/O port bit.
P2[4]
45
1
INPUT/OUTPUT. General purpose memory mapped I/O port bit.
VBAT2
46
analog
INPUT. Battery voltage. (upto 5V input)
VPP
47
Reserved for future onboard OTP ROM.
VBAT1
48
analog
INPUT. Battery voltage. (upto 5V input)
TP
49
INPUT. Testpin for production test must be connected to Vss.
PON
50
analog
INPUT. Power ON. Uses Vbat input supply.
CHARGE
51
analog
INPUT. Charger connected indication. Uses Vbat input supply.
REG_ON
52
5
OUTPUT. Uses Vbat input supply. Switch external regulator on
P2[5]
53
5/analog
DIGITAL OUTPUT/ANALOG INPUT. P2[5] 8 bit multiplexed ADC inputs. P2[5] can
also be used as a digital output
Vref+
54
analog
OUTPUT. Positive microphone reference
MIC+
55
analog
INPUT. Positive microphone input
AGND
56
analog
POWER. Signal ground.
MIC-
57
analog
INPUT. Negative microphone input.
Vref-
58
analog
OUTPUT. Negative microphone reference
LRS-
59
analog
OUTPUT. Negative loudspeaker output
LRS+
60
analog
OUTPUT. Positive loudspeaker output
AVD2
61
Analog supply voltage for CODEC, Xtal oscillator and 8 bit DAC (pin 63)
AVS2
62
Analog ground.
DAC
63
analog
8 bit DAC output for frequency control.
CAP
64
analog
External capacitor.
Xtal1
65
analog
INPUT. 10.368MHz crystal connection.
VSS
66
Digital ground
VDD
67
Digital supply voltage
RSTn
68
1
INPUT/OUTPUT. Active low Reset input with open collector output and pull down
resistor.
HOLD
69
6
INPUT with pull down. Hold processor operation. For e.g. In Circuit Emulation. The
system bus interface will TRI-STATE data and address bus and all control signals.
In this mode an external CR16A can control the SC14402 completely.
Table 1:
Pin Description
PIN NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com