Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC14402 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC14402
Description  Complete Baseband Processor for DECT Handsets
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC14402 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  SC14402 Datasheet HTML 1Page - National Semiconductor (TI) SC14402 Datasheet HTML 2Page - National Semiconductor (TI) SC14402 Datasheet HTML 3Page - National Semiconductor (TI) SC14402 Datasheet HTML 4Page - National Semiconductor (TI) SC14402 Datasheet HTML 5Page - National Semiconductor (TI) SC14402 Datasheet HTML 6Page - National Semiconductor (TI) SC14402 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Copyright 1998 National Semiconductor Corp.
1
www.national.com
SC14402
Complete Baseband Processor for DECT Handsets
General Description
Preliminary document version 1.5.
The SC14402 is a 3.0 Volt CMOS chip optimized to handle
all the audio, signal and data processing needed within a
DECT handset. An ADPCM transcoder, a very low power
CODEC and Analog Frontend is integrated. Direct con-
nections towards microphone and a (dynamical) loud-
speaker are provided.
The SC14402 is designed such that it is compatible with
many radio interfaces.
A dedicated TDMA controller handles all physical layer
slot formats and radio control.
National
Semiconductors
standard
CompactRISCTM
CR16A 16 bit microcontroller with external ROM takes
care of all the higher protocol stack.
Features
s Integrated DECT Baseband transceiver optimized for
GAP handsets according to ETS 300 175-2, 175-3 &
175-8.
s 2.95 to 3.6 Volt operating voltage.
s Very low power in active and paging mode.
s Max 5V battery input.
s Embedded 16 bit CompactRISCTM Micro Controller.
(CR16A) with programmable clock speeds.
s ACCESSBUSTM or MICROWIRETM interfaces can be
handled.
s 4 kByte on-chip Data Memory.
s One full duplex ADPCM transcoder.
s On-chip 14-bit linear CODEC.
s 8 upto 38 dB gain differential microphone input buffer.
s 100
Ω loudspeaker driver.
s Software controlled gain on audio input and output.
s On-chip gaussian Modulator.
s Peak hold ADC for RSSI measurement.
s Three general purpose inputs can be multiplexed on an
8 bit ADC with selectable ranges.
s Advanced battery management unit
s On board dedicated TDMA instruction co-processor
(DiP).
s Eight programmable control signals for radio front end.
s Serial interface to control radio front end circuitry.
s Full support of all data formats.
________________________________________________________________________________________________
System Diagram
SC14401
SC14402
SC14401
4220030
SC14402
SC14402
SC14422
PSTN
ISDN
ISDN or
PSTN
Interface
PRELIMINARY
February 1998
ACCESSBUSTM, MICROWIRETM and CompactRISCTM are trademarks of National Semiconductor Corporation.


Similar Part No. - SC14402

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SC14404 NSC-SC14404 Datasheet
175Kb / 6P
Complete Baseband Processor for DECT Handsets
SC14404BFLAG NSC-SC14404BFLAG Datasheet
175Kb / 6P
Complete Baseband Processor for DECT Handsets
SC14404BFLBC NSC-SC14404BFLBC Datasheet
175Kb / 6P
Complete Baseband Processor for DECT Handsets
SC14404BFLBG NSC-SC14404BFLBG Datasheet
175Kb / 6P
Complete Baseband Processor for DECT Handsets
SC14405 NSC-SC14405 Datasheet
118Kb / 5P
Complete Baseband Processor for DECT Handsets with onchip Flash and LCD controller
More results

Similar Description - SC14402

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SC14422 NSC-SC14422 Datasheet
82Kb / 7P
Complete Baseband Processor for DECT Base Stations
logo
NXP Semiconductors
PCD5090 PHILIPS-PCD5090 Datasheet
95Kb / 16P
DECT baseband controllers
1996 Oct 17
PCD5092 PHILIPS-PCD5092 Datasheet
85Kb / 16P
DECT baseband controller
1997 Jul 21
PCD5094 PHILIPS-PCD5094 Datasheet
85Kb / 16P
DECT baseband controller
1997 Jul 21
PCD5095 PHILIPS-PCD5095 Datasheet
83Kb / 16P
DECT baseband controller
1997 Nov 19
logo
National Semiconductor ...
SC14404 NSC-SC14404 Datasheet
175Kb / 6P
Complete Baseband Processor for DECT Handsets
SC14425 NSC-SC14425 Datasheet
78Kb / 5P
Complete Baseband processor for DECT Base Stations with Caller-id and Handsfree
SC14428 NSC-SC14428 Datasheet
113Kb / 6P
Baseband Processor for FP & PP DECT and WDCT
SC14408 NSC-SC14408 Datasheet
95Kb / 5P
Complete Baseband Processor for DECT Handsets
SC14405 NSC-SC14405 Datasheet
118Kb / 5P
Complete Baseband Processor for DECT Handsets with onchip Flash and LCD controller
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com