Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC14422 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC14422
Description  Complete Baseband Processor for DECT Base Stations
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC14422 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  SC14422 Datasheet HTML 1Page - National Semiconductor (TI) SC14422 Datasheet HTML 2Page - National Semiconductor (TI) SC14422 Datasheet HTML 3Page - National Semiconductor (TI) SC14422 Datasheet HTML 4Page - National Semiconductor (TI) SC14422 Datasheet HTML 5Page - National Semiconductor (TI) SC14422 Datasheet HTML 6Page - National Semiconductor (TI) SC14422 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Copyright 1998 National Semiconductor Corp.
4
www.national.com
2.0 Pin Description
Table 1:
Pin Description)
PIN NAME
NR
TYPE
DESCRIPTION
SCLK
1
1
OUTPUT/INPUT. CR16A bus interface System CLocK output. In core mode this pin
is input.
VDD
2
Digital supply voltage
VSS
3
Digital ground
PD7..0
4-11
5
TRI-STATE OUTPUT. Programmable Power Down pins 7 to 0 to radio interface.
PD7,6 have 12 mA drive.
RFCLK
12
5b
OUTPUT (Slope controlled). 10.368 MHz clock output. Logic ‘0’ after reset or when
disabled.
MEN1n
13
5
OUTPUT. Programmable Load Enable for synthesizer. Can be synchronized to
LKD input.
SO
14
1
TRI-STATE OUTPUT. Serial data output.
SK
15
5
OUTPUT. Serial interface clock: 1.152 MHz
CMPOUT
16
1
TRI-STATE OUTPUT. Comparator output pin.
RDI
17
analog
INPUT. Received Data. The polarity of this input is programmable.
CMPREF
18
analog
INPUT. Comparator reference level. Internally a six bit DAC can be connected to
this pin to compensate for DC offsets.
RSSI
19
analog
INPUT. Receiver Signal Strength Indication. This signal is connected to a 6-bit ADC
input with peak hold circuitry. PD0 internally controls the peak hold circuitry. If PD0
is low RSSI is sampled, else the RSSI input will be connected to ground.
AVD
20
Analog supply voltage.
AVS
21
Analog ground.
TDO
22
5/analog
TRI-STATE OUTPUT. Transmit Data. The polarity of this output is programmable.
P0[0] or
UTX
23
2
INPUT/OUTPUT with selectable pull up resistor. General purpose memory
mapped I/O port bit. UART data output.
P0[1] or
URX
24
3
INPUT/OUTPUT with selectable pull down resistor. General purpose memory
mapped I/O port bit. UART data input.
P0[2] or
CS0
25
2
INPUT/OUTPUT with selectable pull up resistor. General purpose memory
mapped I/O port bit. Multi function Chip select output CS0
P0[3] or
CS1
26
2
INPUT/OUTPUT with selectable pull up resistor. General purpose memory
mapped I/O port bit. Multi function Chip select output CS1
P0[4] or
CS2
27
2
INPUT/OUTPUT with selectable pull up resistor. General purpose memory
mapped I/O port bit. Multi function Chip select output CS2
P0[5] or
AD18
28
3
INPUT/OUTPUT with selectable pull down resistor. General purpose memory
mapped I/O port bit. OUTPUT Address bit 18.
P0[6] or
AD19
29
3
INPUT/OUTPUT with selectable pull down resistor. General purpose memory
mapped I/O port bit. OUTPUT Address bit 19.
P0[7] or
CLK100
30
2
INPUT/OUTPUT with selectable pull up resistor. General purpose memory
mapped I/O port bit. OUTPUT 100 Hz clock synchronized to 10 msec frame.
P1[0] or
P10_INT
31
2
INPUT/OUTPUT with selectable pull up resistor. General purpose memory
mapped I/O port bit. Level sensitive interrupt source P10_INT
P1[1] or
SCK
32
2
INPUT/OUTPUT with selectable pull up resistor. General purpose memory
mapped I/O port bit. SPI Clock input/output
P1[2] or
SEN
33
2
INPUT/OUTPUT with selectable pull up resistor. General purpose memory
mapped I/O port bit. SPI Clock enable input if SPI slave. If SPI master this pin must
be set/reset by software.
P1[3] or
SDI
34
2
INPUT/OUTPUT with selectable pull up resistor. General purpose memory
mapped I/O port bit. SPI data input
P1[4] or
SDO
35
2
INPUT/OUTPUT with selectable pull up resistor. General purpose memory
mapped I/O port bit. SPI data output



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com