Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC14422 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC14422
Description  Complete Baseband Processor for DECT Base Stations
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC14422 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  SC14422 Datasheet HTML 1Page - National Semiconductor (TI) SC14422 Datasheet HTML 2Page - National Semiconductor (TI) SC14422 Datasheet HTML 3Page - National Semiconductor (TI) SC14422 Datasheet HTML 4Page - National Semiconductor (TI) SC14422 Datasheet HTML 5Page - National Semiconductor (TI) SC14422 Datasheet HTML 6Page - National Semiconductor (TI) SC14422 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Copyright 1998 National Semiconductor Corp.
5
www.national.com
P1[5] or
HOLDACKn
36
2
INPUT/OUTPUT with selectable pull up resistor. General purpose memory
mapped I/O port bit. This pin can be configured as active low HOLD acknowledge.
In Emulation mode HOLDACKn is automatically selected.
P1[6] or
ISE
37
2
INPUT/OUTPUT with selectable pull up resistor. General purpose memory
mapped I/O port. In development mode this pin generates an ISE interrupt to the
CR16A core if high.
P1[7] or
READY
38
4
INPUT/OUTPUT with open drain with 100 mA sink capability. If P1[7] is configured
as READY pin then if HOLDn is ‘1’, this pin will become low upon a read or write
access by an external processor. Can be used to control a LED connected to VDD..
VDD
39
Digital supply voltage.
VSS
40
Digital ground.
P2[0] or
PWM
41
4
INPUT/OUTPUT with open drain with 100mA sink capability. This pin can also be
configured as single ended buzzer driver.
P2[1] or
Buzzer+
42
1
INPUT/OUTPUT. General purpose memory mapped I/O port bit. P2[1,2] can be
configured as complementary PWM output for e.g. buzzer control. P2[1,2] can
drive 12 mA.
P2[2] or
Buzzer-
43
1
INPUT/OUTPUT. General purpose memory mapped I/O port bit. P2[1,2] can be
configured as complementary PWM output for e.g. buzzer control. P2[1,2] can
drive 12 mA.
P2[3] or
STR0
44
1
INPUT/OUTPUT. General purpose memory mapped I/O port bit.
OUTPUT External interface strobe 0.
P2[4] or
STR1
45
1
INPUT/OUTPUT. General purpose memory mapped I/O port bit.
INPUT/OUTPUT. External interface strobe STR1.
TP
46
1
INPUT. Testpin
ICLK
47
1
INPUT/OUTPUT. External interface clock. On rising edge data is valid.
COUT
48
4
INPUT/OUTPUT. External interface data input, codec output. If output, this pin is
configured as an open drain. If the internal codec is used (format 1) an external pull
up resistor is required.
CIN
49
1
INPUT/OUTPUT. PCM interface data output, codec input
TONE
50
1
INPUT. TONE input to capture timer (e.g. metering tones)
P2[5] or
ADC0/DAC0
51
5/analog
DIGITAL OUTPUT/ANALOG INPUT. General purpose input to 8 bit ADC. 8 bit DAC
if ADC0,1,2 are not selected. P2[5] can also be used as a digital output.
P2[6] or
ADC1
52
5/analog
DIGITAL OUTPUT/ANALOG INPUT. General purpose input one to 8 bit ADC
P2[6] can also be used as a digital output.
P2[7] or
ADC2
53
5/analog
DIGITAL OUTPUT/ANALOG INPUT. General purpose input two to 8 bit ADC.
P2[7] can also be used as a digital output.
Vref+
54
analog
OUTPUT. Positive microphone reference voltage.
MIC+
55
analog
INPUT. Microphone positive input.
AGND
56
analog
Signal ground output.
MIC-
57
analog
INPUT. Microphone negative input.
Vref-
58
analog
OUTPUT. Negative microphone reference voltage.
LRS-
59
analog
OUTPUT. Negative loudspeaker output.
LRS+
60
analog
OUTPUT. Positive loudspeaker output
AVD2
61
Analog supply.
AVS2
62
Analog ground.
DAC
63
analog
OUTPUT. 8 bit DAC output e.g. for frequency control
CAP
64
analog
External capacitor for crystal oscillator.
Xtal1
65
analog
INPUT. 10.368 MHz crystal connection.
VSS
66
Digital ground.
VDD
67
Positive supply voltage.
Table 1:
Pin Description)
PIN NAME
NR
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com