Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC14422 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC14422
Description  Complete Baseband Processor for DECT Base Stations
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC14422 Datasheet(HTML) 6 Page - National Semiconductor (TI)

  SC14422 Datasheet HTML 1Page - National Semiconductor (TI) SC14422 Datasheet HTML 2Page - National Semiconductor (TI) SC14422 Datasheet HTML 3Page - National Semiconductor (TI) SC14422 Datasheet HTML 4Page - National Semiconductor (TI) SC14422 Datasheet HTML 5Page - National Semiconductor (TI) SC14422 Datasheet HTML 6Page - National Semiconductor (TI) SC14422 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Copyright 1998 National Semiconductor Corp.
6
www.national.com
NOTE:
All digital outputs can sink/source 2 mA unless otherwise specified. All digital inputs are Schmitt trigger
types. After reset all I/Os are set to input and all pull-up or pull-down resistors are enabled. The p0[0] pull-
up resistor is disabled at start-up.
RSTn
68
1
INPUT. Active low Reset.
HOLDn
or MI
69
2
INPUT/OUTPUT with fixed pull up. Selects HOLD mode. If set to ‘0’, the CR16A
processor will terminate its current instruction and the ADx, WRN, RDN will go TRI-
STATE. In this mode an external CR16A can control the SC14422 completely.
In Emulation mode MI output is automatically selected. Then this pin goes high if
an internal interrupt is asserted. In core mode this pin is a maskable interrupt input
MI to the CR16A core.
ACSn
70
5
OUTPUT. Auxiliary Chip Select not. This signal becomes low if the address range
is within the programmed address range.
AD3..0
71-74
1
OUTPUT. Address bit 3 to 0. In HOLD mode these pins are input.
DAB7..0
82-75
1
INPUT/OUTPUT. Data bus bit 7..0
RCSn
83
5
OUTPUT. ROM Chip Select not. Low active if none of the internal peripherals or the
ACSn is addressed.
AD10
84
1
OUTPUT. Address bit 10. In HOLD mode this pin is input.
RDn
85
1
OUTPUT. Active low read. In HOLD mode this pin is input.
AD11
86
1
OUTPUT. Address bit 11. In HOLD mode this pin is input.
AD9
87
1
OUTPUT. Address bit 9. In HOLD mode this pin is input.
AD8
88
1
OUTPUT. Address bit 8. In HOLD mode this pin is input.
AD13
89
1
OUTPUT. Address bit 13. In HOLD mode this pin is input.
AD14
90
1
OUTPUT. Address bit 14. In HOLD mode this pin is input.
AD17
91
1
OUTPUT. Address bit 17. In HOLD mode this pin is output.
WRn
92
1
OUTPUT. Active low write signal. In HOLD mode this pin is input.
AD16,15, 12
93-95
1
OUTPUT. Address bit 16,15 & 12. In HOLD mode these pins are input.
AD7-4
96-99
1
OUTPUT. Address bit 7 to 4. In HOLD mode these pins are input.
CLK1M
100
1
OUTPUT. Fixed bit clock output (1.152Mhz). Synchronized to the DECT bit clock.
Will be logic ‘0’ if the DECT Dedicated Instruction Processor (DIP) is frozen.
Will be logic ‘1’ after a hardware reset (RSTN) or software reset (DEBUG_REG[1]).
Table 1:
Pin Description)
PIN NAME
NR
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com