Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC14422 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC14422
Description  Complete Baseband Processor for DECT Base Stations
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC14422 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  SC14422 Datasheet HTML 1Page - National Semiconductor (TI) SC14422 Datasheet HTML 2Page - National Semiconductor (TI) SC14422 Datasheet HTML 3Page - National Semiconductor (TI) SC14422 Datasheet HTML 4Page - National Semiconductor (TI) SC14422 Datasheet HTML 5Page - National Semiconductor (TI) SC14422 Datasheet HTML 6Page - National Semiconductor (TI) SC14422 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Copyright 1998 National Semiconductor Corp.
1
www.national.com
SC14422
Complete Baseband Processor for DECT Base Stations
General Description
Preliminary document version 1.1.
The SC14422 is a 3.0 Volt CMOS IC optimized to handle
all the audio, signal and data processing needed within a
DECT basestation. An ADPCM transcoder, a very low
power CODEC and Analog Frontend are integrated. Di-
rect connections towards analog or ISDN line interface.
The SC14422 is designed to be compatible with many
radio interfaces. A dedicated TDMA controller handles all
physical layer slot formats and radio control.
The
integrated
National
Semiconductor’s
standard
CR16A processor core with external Program memory
(Flash or ROM) takes care of all the higher protocol stack.
Programmable I/O ports can be configured as chip selects
for I/O expanders, Serial Flash memory, interrupt source
or I/O. A digital serial interface can be configured to inter-
face to many codecs and ISDN devices with
µ-Law, a-Law,
linear or transparent data formats.
Features
s Integrated DECT base band transceiver optimized for
GAP base stations according to ETS 300 175-2, 175-3
& 175-8.
s 3.0 to 5.5 Volt operating voltage.
s Embedded 16 bit CompactRISCTM CR16A Microproc-
essor with In System Emulation (ISE) mode.
s 2k + 4kbyte Data Memory.
s Two full duplex 32 kbits/sec ADPCM transcoder.
s 14-bit linear CODEC with programmable gain
s Serial interface to external codecs and ISDN interface
circuits.
s Echo canceller, two echo suppressors, DTMF genera-
tor, sidetone and artificial echo loss.
s On-chip gaussian Modulator.
s Peak hold ADC for RSSI measurement
s Three input 8 bit successive approximation ADC.
s On board programmable Dedicated Instruction Proces-
sor (DIP) for all TDMA based events.
s Protected and unprotected half, full and double slot B-
fields D00, D08, D32 and D80
s Standard DECT encryption with different keys for
different MAC-connections.
s 6 MAC connections can be handled simultaneously.
s Flexible three wire interface to radio front synthesizer.
s Three general purpose I/O ports with programmable in-
terrupts.
s General purpose full duplex UART.
s SPITM and MICROWIRETM interfaces.
s Two general purpose timers and watchdog timer.
s Programmable chip selects to 8 bit wide ROM, SRAM
NAND Flash Memory and I/O expanders.
s Capture timer for frequency measurement for e.g. me-
tering, ringing and call progress tone detection.
s 100 pin TQFP-100 package.
________________________________________________________________________________________________
System Diagram
SC14401
SC14402
SC14401
4220030
SC14402
SC14402
SC14422
PSTN
ISDN
ISDN or
PSTN
Interface
PRELIMINARY
March 1998
SPITM is a trademark of Motorola, MICROWIRETM and CompactRISCTM are trademarks of National Semiconductor Corporation


Similar Part No. - SC14422

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SC14425 NSC-SC14425 Datasheet
78Kb / 5P
Complete Baseband processor for DECT Base Stations with Caller-id and Handsfree
SC14425XVJG NSC-SC14425XVJG Datasheet
78Kb / 5P
Complete Baseband processor for DECT Base Stations with Caller-id and Handsfree
SC14428 NSC-SC14428 Datasheet
113Kb / 6P
Baseband Processor for FP & PP DECT and WDCT
More results

Similar Description - SC14422

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SC14402 NSC-SC14402 Datasheet
78Kb / 7P
Complete Baseband Processor for DECT Handsets
logo
NXP Semiconductors
PCD5090 PHILIPS-PCD5090 Datasheet
95Kb / 16P
DECT baseband controllers
1996 Oct 17
PCD5092 PHILIPS-PCD5092 Datasheet
85Kb / 16P
DECT baseband controller
1997 Jul 21
PCD5094 PHILIPS-PCD5094 Datasheet
85Kb / 16P
DECT baseband controller
1997 Jul 21
PCD5095 PHILIPS-PCD5095 Datasheet
83Kb / 16P
DECT baseband controller
1997 Nov 19
logo
National Semiconductor ...
SC14404 NSC-SC14404 Datasheet
175Kb / 6P
Complete Baseband Processor for DECT Handsets
SC14425 NSC-SC14425 Datasheet
78Kb / 5P
Complete Baseband processor for DECT Base Stations with Caller-id and Handsfree
SC14428 NSC-SC14428 Datasheet
113Kb / 6P
Baseband Processor for FP & PP DECT and WDCT
SC14408 NSC-SC14408 Datasheet
95Kb / 5P
Complete Baseband Processor for DECT Handsets
SC14405 NSC-SC14405 Datasheet
118Kb / 5P
Complete Baseband Processor for DECT Handsets with onchip Flash and LCD controller
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com