Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA7092 Datasheet(PDF) 21 Page - STMicroelectronics

Part # TEA7092
Description  TELEPHONE SET INTEGRATED CIRCUIT
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA7092 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TEA7092 Datasheet HTML 17Page - STMicroelectronics TEA7092 Datasheet HTML 18Page - STMicroelectronics TEA7092 Datasheet HTML 19Page - STMicroelectronics TEA7092 Datasheet HTML 20Page - STMicroelectronics TEA7092 Datasheet HTML 21Page - STMicroelectronics TEA7092 Datasheet HTML 22Page - STMicroelectronics TEA7092 Datasheet HTML 23Page - STMicroelectronics TEA7092 Datasheet HTML 24Page - STMicroelectronics TEA7092 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
II - SPEECH FEATURES (continued)
II.3 - Transmit Channel (continued)
Figure 28 g ives the t ransmit line level at
Pin VL (Pin 3) and the transmit distortion versus the
input microphone level (Pin MIC1 (Pin 23) &
Pin MIC2 (Pin 24)) for R12 = 82k
Ω, R1 = 47kΩ &
R8 = 1.62k
Ω.
I
L (mA)
0
2040
6080
100
-6
-4
-2
0
R18 = 18k
Ω
R18 = 10k
Ω
R18 = 8.2k
Ω
R18 = 6.8k
Ω
R18 = 5.6k
Ω
Figure 31 : dGtx = f(IL)
0.2
0.5
1
2
5
10
20
50 100
V
MIC (mVRMS)
0.05
0.1
0.2
0.5
1
2
0
2
4
6
8
10
12
V
LINE
Distortion
Figure 28 : Tx Output Level & Distortion (IL=20mA)
Figure 29 gives the maximum transmit level at
Pin VL (Pin 3) versus R1, for R3 = 2.7k
Ω & for
different values of R12, at IL = 40mA.
II.3.3 - Line Loss Compensation/
A.G.C. Adjustment
The TEA7092 uses a line current information to
control the transmit and receive gains variation
versus the line current.
TheAutomaticGainControl (A.G.C.)versus linelength
works in the same way for transmit and receive paths.
Through two external resistors the line current vari-
ation, where the A.G.C. occurs, is programmable :
- R18 connected on Pin ILL (Pin 33) sets up the
start up line current value, ILL, for the A.G.C.
R18
=
300
ILL
− 5.6
in k
Ω ;ILL in mA
- R19 connected on Pin ISL (Pin 34) sets up the
slope and the line current value, ISL, where the
transmit and receive gains are equal to the maxi-
mum gain value minus 6dB.
R19
=
300
ISL
− 5.6
in k
Ω ;ISL in mA
For line current values lower than ILL, the transmit
and receive gains stay at their maximum values.
For line current values upper than ISL, the transmit
and receive gains stay at their minimum values.
Figure 30 gives A.G.C. with a constant start value
(IL = 20mA) and different values of R19.
Figure 31 gives A.G.C. with a constant stop value
(IL = 100mA) and different values of R18.
R1 (k
Ω)
0
0.25
0.5
0.75
1
1.25
1.5
0
20406080
100
120
1.75
2
2.25
2.5
2.75
3
3.25
R12 = 68k
Ω
R12 = 82k
Ω
R12 = 110k
Ω
Figure 29 : Vac Max On Line
II.3.4 - A.G.C. Inhibition
The A.G.C. feature can be inhibited through the
serial bus interface by sending the code 0010100.
This code is a toggle one.
When the no A.G.C. mode is selected the transmit
and receive gains stay at their maximum values
-2dB over the line current range variation.
This feature is used for a telephone set connected
behind a PABX or in a country where the A.G.C.
feature is not requested.
I
L (mA)
0
2040
6080
100
-6
-4
-2
0
R19 = 8.2k
Ω
R19 = 6.8k
Ω
R19 = 4.7k
Ω
R19 = 3.9k
Ω
R19 = 3.3k
Ω
Figure 30 : dGtx = f(IL)
TEA7092 - TELEPHONE SET INTEGRATED CIRCUIT
21/57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com