Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA7092 Datasheet(PDF) 43 Page - STMicroelectronics

Part # TEA7092
Description  TELEPHONE SET INTEGRATED CIRCUIT
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA7092 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button TEA7092 Datasheet HTML 39Page - STMicroelectronics TEA7092 Datasheet HTML 40Page - STMicroelectronics TEA7092 Datasheet HTML 41Page - STMicroelectronics TEA7092 Datasheet HTML 42Page - STMicroelectronics TEA7092 Datasheet HTML 43Page - STMicroelectronics TEA7092 Datasheet HTML 44Page - STMicroelectronics TEA7092 Datasheet HTML 45Page - STMicroelectronics TEA7092 Datasheet HTML 46Page - STMicroelectronics TEA7092 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 57 page
background image
IV - MICROCONTROLLER INTERFACE (continued)
IV.3.1 - Different Codes (continued)
- HFIN input selection
For answering machine or cordless connection, it can be requested to select HFIN (Pin 22) input, without
enabling the loudspeaker, for this the following procedure should be sent :
• Handsfree code : 0 1 1 0 0 1 0
• Tx & Rx mutes
: 0 0 1 0 0 1 0
• HFIN input select : 0 1 1 0 1 1 1
To go back to handsfree mode, send :
• Speech mode : 0 0 1 0 0 0 0
Or to go back to handset mode, send :
• Speech mode : 0 0 1 0 0 0 0
• Handset code : 0 1 1 0 0 0 0
- The DTMF and SINE WAVE codes.
These codes are memorized, independtly from the mode or operating code. For example one of these
code can be sent in Handset mode and when the Dialing mode code is sent, the DTMF frequencies sent
on the line are those previously programmed in the Handset mode.
Codes
Key in DTMF
Dialing
DTMF Dialing
(Code 0010001 sent before)
SINE WAVE (Code 0011101
or 0011110 sent before)
a6
a5
a4
a3
a2
a1
a0
0000000
”2”
697Hz + 1336Hz
0000001
”1”
697Hz + 1209Hz
348Hz or 604Hz
0000010
”A”
697Hz + 1633Hz
0000011
”3”
697Hz + 1477Hz
0000100
”8”
852Hz + 1336Hz
0000101
”7”
852Hz + 1209Hz
0000110
”C”
852Hz + 1633Hz
0000111
”9”
852Hz + 1477Hz
426Hz or 738Hz
0001000
”5”
770Hz + 1336Hz
385Hz or 668Hz
0001001
”4”
770Hz + 1209Hz
0001010
”B”
770Hz + 1633Hz
0001011
”6”
770Hz + 1477Hz
0001100
”0”
941Hz + 1336Hz
0001101
”*”
941Hz + 1209Hz
0001110
”D”
941Hz + 1633Hz
470Hz or 816Hz
0001111
”#”
941Hz + 1477Hz
- The Other Codes
Codes
Remarks
a6
a5
a4
a3
a2
a1
a0
0010001
Ring Start
0010111
Reset Control (High to Low level on Pin 11 (RESET)), Internal TEA7092 Initialization
and Microprocessor Serial Bus Connection Inhibited
0110011
Ring Melody Control, to listen the Ring Melody in the Loudspeaker During OFF-HOOK
Mode.
0101000
TEA7092 Initialization (to go back to internal default programmation)
TEA7092 - TELEPHONE SET INTEGRATED CIRCUIT
43/57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com